Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AZ2100
Description  MINIATURE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ2100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AZ2100 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ2100 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ2100 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ2100 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RELAY ORDERING DATA: UL 508 Group A; UL 873 Version
STANDARD RELAYS: 1 Form A (SPST N.O.)
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
Unsealed
Sealed
VDC
VDC
±10%
VDC
5
7.3
27
3.75
AZ2100–1A–5D
AZ2100–1A–5DE
6
8.9
40
4.5
AZ2100–1A–6D
AZ2100–1A–6DE
9
13.9
97
6.75
AZ2100–1A–9D
AZ2100–1A–9DE
12
17.5
155
9.0
AZ2100–1A–12D
AZ2100–1A–12DE
15
22.5
256
11.25
AZ2100–1A–15D
AZ2100–1A–15DE
18
27.4
380
13.5
AZ2100–1A–18D
AZ2100–1A–18DE
24
36.1
660
18.0
AZ2100–1A–24D
AZ2100–1A–24DE
48
68.4
2,560
36.0
AZ2100–1A–48D
AZ2100–1A–48DE
70
104.4
5,500
52.5
AZ2100–1A–70D
AZ2100–1A–70DE
110
163.2
13,450
82.5
AZ2100–1A–110D
AZ2100–1A–110DE
STANDARD RELAYS: 1 Form C (SPDT)
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
Unsealed
Sealed
VDC
VDC
±10%
VDC
5
7.3
27
3.75
AZ2100–1C–5D
AZ2100–1C–5DE
6
8.9
40
4.5
AZ2100–1C–6D
AZ2100–1C–6DE
9
13.9
97
6.75
AZ2100–1C–9D
AZ2100–1C–9DE
12
17.5
155
9.0
AZ2100–1C–12D
AZ2100–1C–12DE
15
22.5
256
11.25
AZ2100–1C–15D
AZ2100–1C–15DE
18
27.4
380
13.5
AZ2100–1C–18D
AZ2100–1C–18DE
24
36.1
660
18.0
AZ2100–1C–24D
AZ2100–1C–24DE
48
68.4
2,560
36.0
AZ2100–1C–48D
AZ2100–1C–48DE
70
104.4
5,500
52.5
AZ2100–1C–70D
AZ2100–1C–70DE
110
163.2
13,450
82.5
AZ2100–1C–110D
AZ2100–1C–110DE
*Substitute “1B” in place of “1A or 1C” to indicate 1 Form B. To indicate Class F version, add suffix “F”.
Other coil resistances and sensitivities available upon request. Please contact the factory.
AZ2100
1/17/01W
MECHANICAL DATA
I FORM A
(SPST - NO)
I FORM B
(SPST - NC)
I FORM C
(SPDT)
.081 x .003
(2.06 x .076)
.900
(22.84)
.300
(7.6)
.400
(10.2)
.150
(3.81)
.550
(13.96)
.700
(17.77)
.043 x .003
(1.09 x .076)
DIA (3 PLACES)
DIA
.032
(0.81)
.250
(6.35)
1.27
(32.23)
1.08
(27.4)
.240
(6.1)
1.10
(27.92)
.130
(3.3)
.032 x .062
(0.81 x 1.57)
.025 x .025
(0.63 x 0.63)
.045 x .045
(1.14 x 1.14)
.140 + .01, –.020
(3.6 + .25, –.51)
(3 PLACES)
(3 PLACES)
WIRING DIAGRAM
PC BOARD LAYOUT
Viewed toward terminals
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ2100

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2100 AZETTLER-AZ2100 Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
AZ2100-1A-110D AZETTLER-AZ2100-1A-110D Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
AZ2100-1A-110DE AZETTLER-AZ2100-1A-110DE Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
AZ2100-1A-12D AZETTLER-AZ2100-1A-12D Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
AZ2100-1A-12DE AZETTLER-AZ2100-1A-12DE Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
More results

Similar Description - AZ2100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com