Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZM100EL11 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AZM100EL11
Description  ECL/PECL 1:2 Differential Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZM100EL11 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AZM100EL11 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZM100EL11 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZM100EL11 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZM100EL11 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZM100EL11 Datasheet HTML 5Page - List of Unclassifed Manufacturers AZM100EL11 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AZ10EL11
AZ100EL11
October 2001 * REV - 2
www.azmicrotek.com
2
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VCC
PECL Power Supply
(VEE = 0V)
0 to +8.0
Vdc
VI
PECL Input Voltage
(VEE = 0V)
0 to +6.0
Vdc
VEE
ECL Power Supply
(VCC = 0V)
-8.0 to 0
Vdc
VI
ECL Input Voltage
(VCC = 0V)
-6.0 to 0
Vdc
IOUT
Output Current
--- Continuous
--- Surge
50
100
mA
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
10K ECL DC Characteristics (VEE = -4.75V to -5.5V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1
-1080
-890
-1020
-840
-980
-810
-910
-720
mV
VOL
Output LOW Voltage1
-1950
-1650
-1950
-1630
-1950
-1630
-1950
-1595
mV
VIH
Input HIGH Voltage
-1230
-890
-1170
-840
-1130
-810
-1060
-720
mV
VIL
Input LOW Voltage
-1950
-1500
-1950
-1480
-1950
-1480
-1950
-1445
mV
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
IEE
Power Supply Current
26
31
26
31
26
31
26
31
mA
1.
Each output is terminated through a 50
Ω resistor to VCC – 2V.
10K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1,2
3920
4110
3980
4160
4020
4190
4090
4280
mV
VOL
Output LOW Voltage1,2
3050
3350
3050
3370
3050
3370
3050
3405
mV
VIH
Input HIGH Voltage1
3770
4110
3830
4160
3870
4190
3940
4280
mV
VIL
Input LOW Voltage1
3050
3500
3050
3520
3050
3520
3050
3555
mV
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
IEE
Power Supply Current
26
31
26
31
26
31
26
31
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to VCC – 2V.
100K ECL DC Characteristics (VEE = -4.2V to -5.5V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1
-1085
-1005
-880
-1025
-955
-880
-1025
-955
-880
-1025
-955
-880
mV
VOL
Output LOW Voltage1
-1830
-1695
-1555
-1810
-1705
-1620
-1810
-1705
-1620
-1810
-1705
-1620
mV
VIH
Input HIGH Voltage
-1165
-880
-1165
-880
-1165
-880
-1165
-880
mV
VIL
Input LOW Voltage
-1810
-1475
-1810
-1475
-1810
-1475
-1810
-1475
mV
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
IEE
Power Supply Current
26
31
26
31
26
31
30
36
mA
1.
Each output is terminated through a 50
Ω resistor to VCC – 2V.
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1,2
3915
3995
4120
3975
4045
4120
3975
4045
4120
3975
4045
4120
mV
VOL
Output LOW Voltage1,2
3170
3305
3445
3190
3295
3380
3190
3295
3380
3190
3295
3380
mV
VIH
Input HIGH Voltage1
3835
4120
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage1
3190
3525
3190
3525
3190
3525
3190
3525
mV
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
IEE
Power Supply Current
26
31
26
31
26
31
30
36
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to VCC – 2V.


Similar Part No. - AZM100EL11

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZM100EL07 AZM-AZM100EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
List of Unclassifed Man...
AZM100ELT21 ETC1-AZM100ELT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
More results

Similar Description - AZM100EL11

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com