Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5160 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # EL5160
Description  200MHz Low-Power Current Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5160 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button EL5160 Datasheet HTML 9Page - Renesas Technology Corp EL5160 Datasheet HTML 10Page - Renesas Technology Corp EL5160 Datasheet HTML 11Page - Renesas Technology Corp EL5160 Datasheet HTML 12Page - Renesas Technology Corp EL5160 Datasheet HTML 13Page - Renesas Technology Corp EL5160 Datasheet HTML 14Page - Renesas Technology Corp EL5160 Datasheet HTML 15Page - Renesas Technology Corp EL5160 Datasheet HTML 16Page - Renesas Technology Corp EL5160 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
EL5160, EL5161, EL5260, EL5261, EL5360
FN7387 Rev 11.00
Page 16 of 17
August 11, 2015
Package Outline Drawing
M10.118A (JEDEC MO-187-BA)
10 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE (MSOP)
Rev 0, 9/09
Plastic or metal protrusions of 0.15mm max per side are not
Dimensions “D” and “E1” are measured at Datum Plane “H”.
This replaces existing drawing # MDP0043 MSOP10L.
Plastic interlead protrusions of 0.25mm max per side are not
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
DETAIL "X"
SIDE VIEW 1
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
Gauge
Plane
3°±3°
0.25
0.25
C A B
A
B
0.10 C
0.08
C AB
0.55 ± 0.15
0.95 BSC
0.18 ± 0.05
1.10 Max
C
H
5.80
3.00
4.40
0.50
0.30
1.40
PIN# 1 ID
1
2
10
DETAIL "X"
SEATING PLANE
0.5 BSC
0.23 +0.07/ -0.08
3.0 ± 0.1
0.10 ± 0.05
0.86 ± 0.09
SIDE VIEW 2
included.
included.


Similar Part No. - EL5160

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5160 INTERSIL-EL5160 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5160IS INTERSIL-EL5160IS Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5160IS INTERSIL-EL5160IS Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5160IS-T13 INTERSIL-EL5160IS-T13 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5160

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com