Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5160 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL5160
Description  200MHz Low-Power Current Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5160 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL5160 Datasheet HTML 7Page - Renesas Technology Corp EL5160 Datasheet HTML 8Page - Renesas Technology Corp EL5160 Datasheet HTML 9Page - Renesas Technology Corp EL5160 Datasheet HTML 10Page - Renesas Technology Corp EL5160 Datasheet HTML 11Page - Renesas Technology Corp EL5160 Datasheet HTML 12Page - Renesas Technology Corp EL5160 Datasheet HTML 13Page - Renesas Technology Corp EL5160 Datasheet HTML 14Page - Renesas Technology Corp EL5160 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
EL5160, EL5161, EL5260, EL5261, EL5360
FN7387 Rev 11.00
Page 11 of 17
August 11, 2015
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make sure that
you have the latest revision.
DATE
REVISION
CHANGE
August 11, 2015
FN7387.11
Updated Ordering Information table on page 2.
Added Revision History and About Intersil sections.
IN+
IN-
VS+
VS-
OUT
IN+
IN-
VS+
VS-
OUT
0.1µF
+5V
0.1µF
-5V
500Ω
250Ω
250Ω
500Ω
500Ω
VOUT+
VIN
0.1µF
0.1µF
+5V
-5V
VOUT-
IN+
IN-
VS+
VS-
OUT
IN+
IN-
VS+
VS-
OUT
0.1µF
+5V
0.1µF
-5V
500Ω
500Ω
500Ω
VOUT
0.1µF
0.1µF
+5V
-5V
500Ω
1kΩ
1kΩ
240Ω
0.1µF
0.1µF
RECEIVER
TRANSMITTER
FIGURE 23. DIFFERENTIAL LINE DRIVER/RECEIVER


Similar Part No. - EL5160

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5160 INTERSIL-EL5160 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5160IS INTERSIL-EL5160IS Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5160IS INTERSIL-EL5160IS Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5160IS-T13 INTERSIL-EL5160IS-T13 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5160

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com