Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5300 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL5300
Description  200MHz Slew Enhanced VFA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5300 Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL5300 Datasheet HTML 1Page - Renesas Technology Corp EL5300 Datasheet HTML 2Page - Renesas Technology Corp EL5300 Datasheet HTML 3Page - Renesas Technology Corp EL5300 Datasheet HTML 4Page - Renesas Technology Corp EL5300 Datasheet HTML 5Page - Renesas Technology Corp EL5300 Datasheet HTML 6Page - Renesas Technology Corp EL5300 Datasheet HTML 7Page - Renesas Technology Corp EL5300 Datasheet HTML 8Page - Renesas Technology Corp EL5300 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
EL5100, EL5101, EL5300
FN7330 Rev 3.00
Page 4 of 15
May 3, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . 13.2V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±4V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mA
Maximum Slewrate from VS+ to VS- . . . . . . . . . . . . . . . . . . . . 1V/µs
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature Range . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS = ±5V, GND = 0V, TA = +25°C, VCM = 0V, VOUT = 0V, VENABLE = GND or OPEN, Unless Otherwise
Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Offset Voltage
-4
1
4
mV
TCVOS
Offset Voltage Temperature Coefficient
Measured from TMIN to TMAX
8µV/°C
IB
Input Bias Current
VIN = 0V
-6
2
6
µA
IOS
Input Offset Current
VIN = 0V
-2.5
0.5
2.5
µA
TCIOS
Input Bias Current Temperature
Coefficient
Measured from TMIN to TMAX
8nA/°C
PSRR
Power Supply Rejection Ratio
70
90
dB
CMRR
Common Mode Rejection Ratio
VCM from -3V to +3V
60
75
dB
CMIR
Common Mode Input Range
Guaranteed by CMRR test
-3
+3
V
RIN
Input Resistance
VIN = -3V to +3V
0.7
1.2
M
CIN
Input Capacitance
1pF
IS,ON
Supply Current - Enabled
Per amplifier
2.1
2.5
2.9
mA
IS,OFF
Supply Current - Shut Down
VS+, per amplifier
-5
0
5
µA
VS-, per amplifier
5
17
25
µA
PSOR
Power Supply Operating Range
3.3
12
V
AVOL
Open Loop Gain
RL = 1k to GND, VOUT from -2.5V to +2.5V
55
60
dB
VOP
Positive Output Voltage Swing
RL = 150 to GND
3.2
3.4
V
RL = 1k to GND
3.6
3.8
V
VON
Negative Output Voltage Swing
RL = 150 to GND
-3.4
-3.2
V
RL = 1k to GND
-3.8
-3.6
V
IOUT
Output Current
RL = 10 to 0V
±60
±100
mA
VIH-EN
ENABLE pin Voltage for Power Up
VS+ -4
V
VIL-EN
ENABLE pin Voltage for Shut Down
VS+ -1
V
IEN
Enable Pin Current
Enabled, VEN = 0V
-1
1
µA
Disabled, VEN = 5V
5
17
25
µA


Similar Part No. - EL5300

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5300 INTERSIL-EL5300 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5300 INTERSIL-EL5300 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
EL5300 INTERSIL-EL5300 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5300IU INTERSIL-EL5300IU Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5300IU INTERSIL-EL5300IU Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
More results

Similar Description - EL5300

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com