Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FP25R12KT3 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part No. FP25R12KT3
Description  IGBT-Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP25R12KT3 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button FP25R12KT3 Datasheet HTML 3Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 4Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 5Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 6Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 7Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 8Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 9Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 10Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
TechnischeInformation/TechnicalInformation
FP25R12KT3
IGBT-Module
IGBT-modules
preparedby:AS
approvedby:RS
dateofpublication:2013-10-03
revision:2.0
VorläufigeDaten
PreliminaryData
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(IF)
RGon=36
Ω,VCE=600V
IF [A]
0
5
10
15
20
25
30
35
40
45
50
0,0
0,5
1,0
1,5
2,0
2,5
3,0
Erec, Tvj = 125°C
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(RG)
IF=25A,VCE=600V
RG [
Ω]
0
10
20
30
40
50
60
70
0,0
0,5
1,0
1,5
2,0
2,5
3,0
Erec, Tvj = 125°C
TransienterWärmewiderstandDiode,Wechselrichter
transientthermalimpedanceDiode,Inverter
ZthJC=f(t)
t [s]
0,001
0,01
0,1
1
10
0,01
0,1
1
10
ZthJC : Diode
i:
ri[K/W]:
τi[s]:
1
0,1375
0,003333
2
0,888
0,03429
3
0,2558
0,1294
4
0,08101
0,7662
DurchlasskennliniederDiode,Gleichrichter(typisch)
forwardcharacteristicofDiode,Rectifier(typical)
IF=f(VF)
VF [V]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
0
5
10
15
20
25
30
35
40
45
50
Tvj = 25°C
Tvj = 150°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn