Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FP25R12KT3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. FP25R12KT3
Description  IGBT-Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP25R12KT3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  FP25R12KT3 Datasheet HTML 1Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 2Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 3Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 4Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 5Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 6Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 7Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 8Page - Infineon Technologies AG FP25R12KT3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
TechnischeInformation/TechnicalInformation
FP25R12KT3
IGBT-Module
IGBT-modules
preparedby:AS
approvedby:RS
dateofpublication:2013-10-03
revision:2.0
VorläufigeDaten
PreliminaryData
IGBT,Brems-Chopper/IGBT,Brake-Chopper
HöchstzulässigeWerte/MaximumRatedValues
Kollektor-Emitter-Sperrspannung
Collector-emittervoltage
Tvj = 25°C
VCES

1200
 V
Kollektor-Dauergleichstrom
ContinuousDCcollectorcurrent
TC = 80°C, Tvj max = 150°C
TC = 25°C, Tvj max = 150°C
IC nom
IC

15
25
 A
A
PeriodischerKollektor-Spitzenstrom
Repetitivepeakcollectorcurrent
tP = 1 ms
ICRM

30
 A
Gesamt-Verlustleistung
Totalpowerdissipation
TC = 25°C, Tvj max = 150
Ptot

105
 W
Gate-Emitter-Spitzenspannung
Gate-emitterpeakvoltage

VGES

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Kollektor-Emitter-Sättigungsspannung
Collector-emittersaturationvoltage
IC = 15 A, VGE = 15 V
IC = 15 A, VGE = 15 V
VCE sat
1,70
1,90
2,15
V
V
Tvj = 25°C
Tvj = 125°C
Gate-Schwellenspannung
Gatethresholdvoltage
IC = 0,50 mA, VCE = VGE, Tvj = 25°C
VGEth
5,0
5,8
6,5
V
Gateladung
Gatecharge
VGE = -15 V ... +15 V
QG

0,15

µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint

0,0

Eingangskapazität
Inputcapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cies

1,10

nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cres

0,04

nF
Kollektor-Emitter-Reststrom
Collector-emittercut-offcurrent
VCE = 1200 V, VGE = 0 V, Tvj = 25°C
ICES


5,0
mA
Gate-Emitter-Reststrom
Gate-emitterleakagecurrent
VCE = 0 V, VGE = 20 V, Tvj = 25°C
IGES


400
nA
Einschaltverzögerungszeit,induktiveLast
Turn-ondelaytime,inductiveload
IC = 15 A, VCE = 600 V
VGE = ±15 V
RGon = 75
td on

0,09
0,09

µs
µs
Tvj = 25°C
Tvj = 125°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
IC = 15 A, VCE = 600 V
VGE = ±15 V
RGon = 75
tr

0,03
0,05

µs
µs
Tvj = 25°C
Tvj = 125°C
Abschaltverzögerungszeit,induktiveLast
Turn-offdelaytime,inductiveload
IC = 15 A, VCE = 600 V
VGE = ±15 V
RGoff = 75
td off

0,42
0,52

µs
µs
Tvj = 25°C
Tvj = 125°C
Fallzeit,induktiveLast
Falltime,inductiveload
IC = 15 A, VCE = 600 V
VGE = ±15 V
RGoff = 75
tf

0,07
0,09

µs
µs
Tvj = 25°C
Tvj = 125°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
IC = 15 A, VCE = 600 V, LS = t.b.d. nH
VGE = ±15 V
RGon = 75
Eon

1,50
2,10

mJ
mJ
Tvj = 25°C
Tvj = 125°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
IC = 15 A, VCE = 600 V, LS = t.b.d. nH
VGE = ±15 V
RGoff = 75
Eoff

1,10
1,30

mJ
mJ
Tvj = 25°C
Tvj = 125°C
Kurzschlußverhalten
SCdata
VGE
≤ 15 V, VCC = 900 V
VCEmax = VCES -LsCE ·di/dt
ISC

60

A
Tvj = 125°C
tP
≤ 10 µs,
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proIGBT/perIGBT
RthJC


1,20
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions

Tvj op
-40

125
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn