Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-HG036A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AL-HG036A
Description  0603 YELLOW GREEN SMD Chip LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL-HG036A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AL-HG036A Datasheet HTML 1Page - List of Unclassifed Manufacturers AL-HG036A Datasheet HTML 2Page - List of Unclassifed Manufacturers AL-HG036A Datasheet HTML 3Page - List of Unclassifed Manufacturers AL-HG036A Datasheet HTML 4Page - List of Unclassifed Manufacturers AL-HG036A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
A-BRIGHT A-BRIGHT INDUSTRIAL CO.,LTD.
CHARACTERISTICS DIAGRAMS
4.0
3.0
2.0
1.0
0
RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
FORWARD CURRENT(mA)
2,3,4,6,8
1
5
B
D
3
2
1
0
0
0
.5
.2
.1
AMBIENT TEMPERATURE Ta(℃)
1
50
40
30
20
10
0
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS. FORWARD VOLTAGE
1
6 4 5
2 3
8
20
40
60
80
100
40
30
20
50
10
0
AMBIENT TEMPERATURE Ta(℃)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
20
40
60
80
100
5
20
40
60
80
100
5
4
23
1.2
1.6
2.0
2.4
2.6 3.0 3.5 4.0
B
D
1
6
2,4,8,A
3
5


Similar Part No. - AL-HG036A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL-HG033A ETC-AL-HG033A Datasheet
761Kb / 5P
   1206 YELLOW GREEN SMD Chip LED Lamps
logo
A-BRIGHT Inc
AL-HG034A A-BRIGHT-AL-HG034A Datasheet
341Kb / 5P
   Right Angle Lens Yellow Green SMD Chip LED Lamps
2006/10/11
AL-HG034A A-BRIGHT-AL-HG034A_09 Datasheet
236Kb / 5P
   Right Angle Lens Yellow Green SMD Chip LED Lamps
2009/2/20
More results

Similar Description - AL-HG036A

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HKB36A A-BRIGHT-AL-HKB36A_09 Datasheet
207Kb / 5P
   0603 Package Yellow SMD Chip LED Lamps (0.6mm Height)
AL-HKB36D A-BRIGHT-AL-HKB36D_09 Datasheet
207Kb / 5P
   0603 Package Yellow SMD Chip LED Lamps (0.8mm Height)
AL-HGE33 A-BRIGHT-AL-HGE33 Datasheet
340Kb / 5P
   Super Yellow Green SMD Chip LED Lamps
2006/12/5
logo
List of Unclassifed Man...
AL-HG033A ETC-AL-HG033A Datasheet
761Kb / 5P
   1206 YELLOW GREEN SMD Chip LED Lamps
logo
A-BRIGHT Inc
AL-HKB33A A-BRIGHT-AL-HKB33A Datasheet
342Kb / 5P
   Super Yellow SMD Chip LED Lamps
2006/10/11
logo
List of Unclassifed Man...
AL-HY035A ETC-AL-HY035A Datasheet
775Kb / 5P
   0805 YELLOW SMD Chip LED Lamps
logo
A-BRIGHT Inc
AL-HGD35A A-BRIGHT-AL-HGD35A_09 Datasheet
207Kb / 5P
   0805 Package Yellow Green SMD Chip LED Lamps
2009/02/19
AL-HKB33 A-BRIGHT-AL-HKB33 Datasheet
340Kb / 5P
   Super Yellow SMD Chip LED Lamps
2006/10/11
AL-HGE36D A-BRIGHT-AL-HGE36D Datasheet
340Kb / 5P
   Super Yellow Green SMD Chip LED Lamps (0.8mm Height)
2006/12/5
AL-HG034A A-BRIGHT-AL-HG034A Datasheet
341Kb / 5P
   Right Angle Lens Yellow Green SMD Chip LED Lamps
2006/10/11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com