Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8092AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD8092AR
Description  Low-Cost, High-Speed Rail-to-Rail Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8092AR Datasheet(HTML) 1 Page - Analog Devices

  AD8092AR Datasheet HTML 1Page - Analog Devices AD8092AR Datasheet HTML 2Page - Analog Devices AD8092AR Datasheet HTML 3Page - Analog Devices AD8092AR Datasheet HTML 4Page - Analog Devices AD8092AR Datasheet HTML 5Page - Analog Devices AD8092AR Datasheet HTML 6Page - Analog Devices AD8092AR Datasheet HTML 7Page - Analog Devices AD8092AR Datasheet HTML 8Page - Analog Devices AD8092AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8091/AD8092
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Low-Cost, High-Speed
Rail-to-Rail Amplifiers
FEATURES
Low-Cost Single (AD8091), Dual (AD8092)
Voltage Feedback Architecture
Fully Specified at +3 V, +5 V, and
5 V Supplies
Single-Supply Operation
Output Swings to within 25 mV of Either Rail
Input Voltage Range
–0.2 V to +4 V; VS = +5 V
High-Speed and Fast Settling on +5 V
110 MHz –3 dB Bandwidth (G = +1)
145 V/ s Slew Rate
50 ns Settling Time to 0.1%
Good Video Specifications (G = +2)
Gain Flatness of 0.1 dB to 20 MHz; RL = 150
0.03% Differential Gain Error; RL = 1 k
0.03 Differential Phase Error; RL = 1 k
Low Distortion
–80 dBc Total Harmonic @ 1 MHz; RL = 100
Outstanding Load Drive Capability
Drives 45 mA, 0.5 V from Supply Rails
Drives 50 pF Capacitive Load (G = +1)
Low Power of 4.4 mA/Amplifier
APPLICATIONS
Coaxial Cable Driver
Active Filters
Video Switchers
Professional Cameras
CCD Imaging Systems
CD/DVD
PRODUCT DESCRIPTION
The AD8091 (single) and AD8092 (dual) are low-cost, voltage
feedback, high-speed amplifiers designed to operate on +3 V, +5 V,
or
±5 V supplies. They have true single-supply capability with
an input voltage range extending 200 mV below the negative rail
and within 1 V of the positive rail.
Despite their low cost, the AD8091/AD8092 provide excellent over-
all performance and versatility. The output voltage swing extends
to within 25 mV of each rail, providing the maximum output
dynamic range with excellent overdrive recovery. This makes the
AD8091/AD8092 useful for video electronics, such as cameras,
video switchers, or any high-speed portable equipment. Low distor-
tion and fast settling make them ideal for active filter applications.
The AD8091/AD8092 offer a low-power supply current and
can operate on a single +3 V power supply. These features are
ideally suited for portable and battery-powered applications
where size and power are critical.
The wide bandwidth and fast slew rate make these amplifiers
useful in many general-purpose, high-speed applications where
dual power supplies of up to
±6 V and single supplies from +3 V
to +12 V are needed.
All of this low-cost performance is offered in an 8-lead SOIC
(AD8091/AD8092), along with a tiny SOT23-5 package
(AD8091) and a
µSOIC package (AD8092).
CONNECTION DIAGRAMS
SOIC-8
(R-8)
8
7
6
5
1
2
3
4
NC
–IN
+IN
NC
+VS
VOUT
NC
–VS
AD8091
NC = NO CONNECT
SOIC-8 and SOIC-8
(RM-8, R-8)
8
7
6
5
1
2
3
4
+
+
OUT1
–IN1
+IN1
OUT
+VS
–IN2
–VS
AD8092
+IN2
SOT23-5
(RT-5)
5
4
1
2
3
VOUT
–VS
+IN
+VS
–IN
AD8091


Similar Part No. - AD8092AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8092AR AD-AD8092AR Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
AD8092AR AD-AD8092AR Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8092AR AD-AD8092AR Datasheet
292Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
AD8092AR-REEL AD-AD8092AR-REEL Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
AD8092AR-REEL AD-AD8092AR-REEL Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
More results

Similar Description - AD8092AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8091 AD-AD8091_16 Datasheet
292Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
AD8091 AD-AD8091_05 Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com