Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADD8616A8A-75BA Datasheet(PDF) 9 Page - A-Data Technology

Part # ADD8616A8A-75BA
Description  DOUBLE DATA RATE SDRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ADD8616A8A-75BA Datasheet(HTML) 9 Page - A-Data Technology

  ADD8616A8A-75BA Datasheet HTML 1Page - A-Data Technology ADD8616A8A-75BA Datasheet HTML 2Page - A-Data Technology ADD8616A8A-75BA Datasheet HTML 3Page - A-Data Technology ADD8616A8A-75BA Datasheet HTML 4Page - A-Data Technology ADD8616A8A-75BA Datasheet HTML 5Page - A-Data Technology ADD8616A8A-75BA Datasheet HTML 6Page - A-Data Technology ADD8616A8A-75BA Datasheet HTML 7Page - A-Data Technology ADD8616A8A-75BA Datasheet HTML 8Page - A-Data Technology ADD8616A8A-75BA Datasheet HTML 9Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
A-Data
ADD8616A8A
Package Information
MILLIMETER
INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.95
1.00
1.05
0.037
0.039
0.041
B
0.17
0.24
0.32
0.007
0.009
0.013
c
0.09
0.2
0.004
0.008
D
22.62 BSC
0.891 BSC
HE
11.74
11.76
11.78
0.462
0.463
0.464
E
10.15
10.16
10.17
0.3996
0.400
0.4004
e
0.65 BSC
0.026
L
0.40
0.50
0.60
0.016
0.020
0.024
L1
0.80 REF
0.031 REF
S
0.71 REF
0.028 REF
θ
0
°
-
8
°
0
°
-
8
°
33
34
1
66
0.145
0.0006
400mil 66pin TSOP II Package
Rev 2 April, 2002
9


Similar Part No. - ADD8616A8A-75BA

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
ADD8608A8A-75B A-DATA-ADD8608A8A-75B Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
ADD8608A8A-75BA A-DATA-ADD8608A8A-75BA Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
More results

Similar Description - ADD8616A8A-75BA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
logo
Infineon Technologies A...
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com