Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL016A90BFER23 Datasheet(PDF) 48 Page - SPANSION

Part # S29GL016A90BFER23
Description  S29GL-A MirrorBit Flash Family
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL016A90BFER23 Datasheet(HTML) 48 Page - SPANSION

Back Button S29GL016A90BFER23 Datasheet HTML 44Page - SPANSION S29GL016A90BFER23 Datasheet HTML 45Page - SPANSION S29GL016A90BFER23 Datasheet HTML 46Page - SPANSION S29GL016A90BFER23 Datasheet HTML 47Page - SPANSION S29GL016A90BFER23 Datasheet HTML 48Page - SPANSION S29GL016A90BFER23 Datasheet HTML 49Page - SPANSION S29GL016A90BFER23 Datasheet HTML 50Page - SPANSION S29GL016A90BFER23 Datasheet HTML 51Page - SPANSION S29GL016A90BFER23 Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
46
S29GL-A MirrorBit™ Flash Family
S29GL-A_00_A3 April 22, 2005
Advan ce
In form ati o n
writes the sector address and the number of word locations, minus one, to be
programmed. For example, if the system programs six unique address locations,
then 05h should be written to the device. This tells the device how many write
buffer addresses are loaded with data and therefore when to expect the Program
Buffer to Flash command. The number of locations to program cannot exceed
the size of the write buffer or the operation aborts.
The fifth cycle writes the first address location and data to be programmed. The
write-buffer-page is selected by address bits AMAX–A4. All subsequent address/
data pairs must fall within the selected-write-buffer-page. The system then
writes the remaining address/data pairs into the write buffer. Write buffer loca-
tions may be loaded in any order.
The write-buffer-page address must be the same for all address/data pairs
loaded into the write buffer. (This means Write Buffer Programming cannot be
performed across multiple write-buffer pages.) This also means that Write Buffer
Programming cannot be performed across multiple sectors. If the system at-
tempts to load programming data outside of the selected write-buffer page, the
operation aborts.
Note that if a Write Buffer address location is loaded multiple times, the address/
data pair counter is decremented for every data load operation. The host system
must therefore account for loading a write-buffer location more than once. The
counter decrements for each data load operation, not for each unique write-
buffer-address location. Note also that if an address location is loaded more than
once into the buffer, the final data loaded for that address is programmed.
Once the specified number of write buffer locations are loaded, the system must
then write the Program Buffer to Flash command at the sector address. Any
other address and data combination aborts the Write Buffer Programming oper-
ation. The device then begins programming. Data polling should be used while
monitoring the last address location loaded into the write buffer. DQ7, DQ6,
DQ5, and DQ1 should be monitored to determine the device status during Write
Buffer Programming.
The write-buffer programming operation can be suspended using the standard
program suspend/resume commands. Upon successful completion of the Write
Buffer Programming operation, the device is ready to execute the next
command.
The Write Buffer Programming Sequence can be aborted in the following ways:
Load a value that is greater than the page buffer size during the Number of
Locations to Program step.
Write to an address in a sector different than the one specified during the
Write-Buffer-Load command.
Write an Address/Data pair to a different write-buffer-page than the one se-
lected by the Starting Address during the write buffer data loading stage of
the operation.
Write data other than the Confirm Command after the specified number of
data load cycles.
The abort condition is indicated by DQ1 = 1, DQ7 = DATA# (for the last address
location loaded), DQ6 = toggle, and DQ5= 0. A Write-to-Buffer-Abort Reset
command sequence must be written to reset the device for the next operation.
Note that the Secured Silicon Sector, autoselect, and CFI functions are unavail-
able when a program operation is in progress.This flash device is capable of
handling multiple write buffer programming operations on the same write buffer


Similar Part No. - S29GL016A90BFER23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL016A SPANSION-S29GL016A Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI010 SPANSION-S29GL016A100BAI010 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI012 SPANSION-S29GL016A100BAI012 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI013 SPANSION-S29GL016A100BAI013 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAIR10 SPANSION-S29GL016A100BAIR10 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL016A90BFER23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com