Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL85012 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part No. ISL85012
Description  12A, 3.8V to 18V Input, Synchronous Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

ISL85012 Datasheet(HTML) 19 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
ISL85012
FN8677 Rev.2.00
Page 19 of 19
Mar 17, 2017
Package Outline Drawing
L15.3.5x3.5
15 LEAD THIN QUAD FLAT NO-LEAD PACKAGE (TQFN)
Rev 1, 9/14
BOTTOM VIEW
TOP VIEW
(2X)
0.05 C
0.05 C (2X)
3.50
3.50
A
B
PIN #1
4
INDEX AREA
0.10
C A B
0.05
C
M
M
0.10
C A B
0.05
C
M
M
2x 0.45±0.05
12x 0.25±0.05
0.10
C A B
0.05
C
M
M
5
12 x 0.48±0.1
15
14
13
12
11
10
7
8
9
10 x 0.50 BSC
12
3
4
5
6
1.002
1.096
0.749 BSC
0.653 BSC
PIN 1 ID DETAIL
0.37
0.15
C
0.15mm and 0.30mm from the terminal tip. If the terminal has a radius
N is the total number of terminals.
Dimension applies to metallized terminal and is measured between
The location of the marked terminal #1 identifier is within the hatched area.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
5.
on the other end of it, dimension b should not be measured in that
3.
4.
1.
NOTES:
0.02
0.203 REF
SEATING
PLANE
0.10 C
0.08 C
6
15x
SIDE VIEW
All dimensions are in millimeters.
2.
radius area.
Coplanarity applies to the terminals and all other bottom surface metallization.
6.
0.15
1
0.258±0.05
-0
+0.05
0.75 ±0.05
PACKAGE
OUTLINE
(10x 0.50)
(12x 0.25±0.05)
12x 0.68±0.1
(2x 0.45±0.05)
(0.258±0.05)
(0.20 TYP)
(3.90)
TYPICAL RECOMMENDED LAND PATTERN
(3.90)
(1.002)
(0.749)
(1.096)
(0.653)
SEE PIN 1 ID DETAIL
For the most recent package outline drawing, see L15.3.5x3.5.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn