Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL85012 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part No. ISL85012
Description  12A, 3.8V to 18V Input, Synchronous Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

ISL85012 Datasheet(HTML) 10 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ISL85012
FN8677 Rev.2.00
Page 10 of 19
Mar 17, 2017
FIGURE 22. VIN POR (RISING) vs TEMPERATURE
FIGURE 23. VIN POR (FALLING) vs TEMPERATURE
FIGURE 24. FREQUENCY (600kHz DEFAULT) vs TEMPERATURE
FIGURE 25. FREQUENCY (300kHz DEFAULT) vs TEMPERATURE
FIGURE 26. PG DELAY vs TEMPERATURE
FIGURE 27. HIGH-SIDE rDS(ON) vs TEMPERATURE
Typical Characteristics (Continued)
4.100
4.105
4.110
4.115
4.120
4.125
4.130
-40 -25 -10
5
20
35
50
65
80
95 110 125
JUNCTION TEMPERATURE (°C)
3.66
3.67
3.68
3.69
3.70
3.71
3.72
-40 -25
-10
5
20
35
50
65
80
95
110 125
JUNCTION TEMPERATURE (°C)
500
520
540
560
580
600
620
640
660
680
700
-40 -25
-10
5
20
35
50
65
80
95
110 125
JUNCTION TEMPERATURE (°C)
200
220
240
260
280
300
320
340
360
380
400
-40 -25 -10
5
20
35
50
65
80
95
110 125
JUNCTION TEMPERATURE (°C)
1.10
1.15
1.20
1.25
1.30
1.35
1.40
-40 -25 -10
5
20
35
50
65
80
95
110 125
JUNCTION TEMPERATURE (°C)
0
5
10
15
20
25
-40
-25
-10
5
20
35
50
65
80
95
110 125
JUNCTION TEMPERATURE (°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn