Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL85012 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part No. ISL85012
Description  12A, 3.8V to 18V Input, Synchronous Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

ISL85012 Datasheet(HTML) 8 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISL85012
FN8677 Rev.2.00
Page 8 of 19
Mar 17, 2017
FIGURE 10. LATCH-OFF OCP (VIN = 12V, VOUT = 1.8V, 600kHz, CCM)
FIGURE 11. HICCUP OCP (VIN = 12V, VOUT = 1.8V, 600kHz, CCM)
FIGURE 12. OUTPUT VOLTAGE RIPPLE (VIN = 12V, VOUT = 1.8V AT
12A, 600kHz, CCM)
FIGURE 13. OUTPUT VOLTAGE RIPPLE (VIN = 12V, VOUT = 1.8V AT 0A,
600kHz, DCM)
FIGURE 14. START-UP BY EN (VIN = 12V, VOUT = 1.8V AT 12A,
600kHz, CCM)
FIGURE 15. START-UP BY EN (VIN = 12V, VOUT = 1.8V AT 0A, 600kHz,
DCM)
Typical Performance Curves Circuit of Figure 2. Design table on page 2 shows the components value for different
output voltages. Plots are captured from ISL85012EVAL1Z boards. VIN = 12V, VOUT = 1.8V, FREQ = 600kHz, CCM, TJ = -40°C to +125°C unless otherwise
noted. Typical values are at TA = +25°C. (Continued)
C2: PHASE, 10V/DIV
C1: VOUT, 1V/DIV
50ms/DIV
C2: PHASE, 10V/DIV
C1: VOUT, 1V/DIV
50ms/DIV
C2: PHASE, 10V/DIV
C1: VOUT, 20mV/DIV
1µs/DIV
C1: VOUT, 20mV/DIV
10ms/DIV
C2: PHASE, 10V/DIV
C1: VOUT, 1V/DIV
2ms/DIV
C3: EN, 10V/DIV
C4: PGOOD, 2V/DIV
C1: VOUT, 1V/DIV
2ms/DIV
C4: PGOOD, 2V/DIV
C3: EN, 10V/DIV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn