Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL016A90BFIR23 Datasheet(PDF) 81 Page - SPANSION

Part # S29GL016A90BFIR23
Description  S29GL-A MirrorBit Flash Family
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL016A90BFIR23 Datasheet(HTML) 81 Page - SPANSION

Back Button S29GL016A90BFIR23 Datasheet HTML 77Page - SPANSION S29GL016A90BFIR23 Datasheet HTML 78Page - SPANSION S29GL016A90BFIR23 Datasheet HTML 79Page - SPANSION S29GL016A90BFIR23 Datasheet HTML 80Page - SPANSION S29GL016A90BFIR23 Datasheet HTML 81Page - SPANSION S29GL016A90BFIR23 Datasheet HTML 82Page - SPANSION S29GL016A90BFIR23 Datasheet HTML 83Page - SPANSION S29GL016A90BFIR23 Datasheet HTML 84Page - SPANSION S29GL016A90BFIR23 Datasheet HTML 85Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 89 page
background image
April 22, 2005 S29GL-A_00_A3
S29GL-A MirrorBit™ Flash Family
79
Ad vance
Info rmat i o n
Notes:
1. Not 100% tested.
2. See Erase And Programming Performance on page 81 for more information
3. For 1–16 words/1–32 bytes programmed.
4. If a program suspend command is issued within tPOLL, the device requires tPOLL before reading status data, once programming resumes
(that is, the program resume command is written). If the suspend command was issued after tPOLL, status data is available immediately
after programming resumes. See Figure 24, on page 80
Table 44. Alternate CE# Controlled Erase and Program Operations-S29GL016A
Parameter
Description
Speed Options
Unit
JEDEC
Std.
90
10
tAVAV
tWC
Write Cycle Time (Note 1)
Min
90
100
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
45
ns
tDVEH
tDS
Data Setup Time
Min
35
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
35
ns
tEHEL
tCPH
CE# Pulse Width High
Min
25
ns
tWHWH1
tWHWH1
Write Buffer Program Operation (Note 2, Note 3)
Typ
240
µs
Single Word Program Operation (Note 2)
Typ
60
Accelerated Single Word Program Operation (Note 2)
Typ
54
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
0.5
sec
tRH
RESET# High Time Before Write
Min
50
ns
tPOLL
Program Valid before Status Polling (Note 4)
Max
4
µs


Similar Part No. - S29GL016A90BFIR23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL016A SPANSION-S29GL016A Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI010 SPANSION-S29GL016A100BAI010 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI012 SPANSION-S29GL016A100BAI012 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI013 SPANSION-S29GL016A100BAI013 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAIR10 SPANSION-S29GL016A100BAIR10 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL016A90BFIR23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com