Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11867RV-TLM-H Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB11867RV-TLM-H
Description  Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11867RV-TLM-H Datasheet(HTML) 1 Page - ON Semiconductor

  LB11867RV-TLM-H Datasheet HTML 1Page - ON Semiconductor LB11867RV-TLM-H Datasheet HTML 2Page - ON Semiconductor LB11867RV-TLM-H Datasheet HTML 3Page - ON Semiconductor LB11867RV-TLM-H Datasheet HTML 4Page - ON Semiconductor LB11867RV-TLM-H Datasheet HTML 5Page - ON Semiconductor LB11867RV-TLM-H Datasheet HTML 6Page - ON Semiconductor LB11867RV-TLM-H Datasheet HTML 7Page - ON Semiconductor LB11867RV-TLM-H Datasheet HTML 8Page - ON Semiconductor LB11867RV-TLM-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2014
March, 2018 − Rev. 2
1
Publication Order Number:
LB11867RV/D
LB11867RV
Variable Speed
Single‐phase Full‐wave
Pre‐driver for Fan Motor
Monolithic Digital IC
Overview
LB11867RV is a single-phase bipolar driving motor pre-driver with
the variable speed function compatible with external PWM signal.
With a few external parts, a highly-efficient and highly-silent variable
drive fan motor with low power consumption can be achieved. This
product is best suited for driving of the server requiring large air flow
and large current and the fan motor of consumer appliances.
Features
Single-phase Full-wave Driving Pre-driver
⇒ Low-saturation Drive Using External PMOS−NMOS Enables
High-efficiency Low Power-consumption Drive
Variable Speed Control Possible with External PWM Input
⇒ Separately-excited Upper Direct PWM (f =30 kHz) Control
Method Ensures Highly Silent Speed Control
Current Limiting Circuit Incorporated
⇒ Chopper Type Current Limiting Made at Startup and during Lock
Reactive Current Cut Circuit Incorporated
⇒ Reactive Current before Phase Changeover is Cut, Ensuring
Highly Silent and Low Power-consumption Drive
Minimum Speed Setting Pin
⇒ Minimum Speed can be Set by Setting the Resistance
Soft Start Setting Pin
Lock Protection and Automatic Reset Circuits Incorporated
RD (Lock Detection) Output
Thermal Shutdown Circuit Incorporated
Typical Applications
Computing & Peripherals
Industrial
Server
Vending Machine
www.onsemi.com
SSOP16
CASE 565AM
MARKING DIAGRAM
XXXX = Specific Device Code
Y
= Year
M
= Month
DDD = Additional Traceability Data
XXXXXXXXXX
YMDDD
PIN ASSIGNMENT
OUT1P
OUT1N
SGND
5VREG
S−S
CT
IN+
IN−
16
9
OUT2P
OUT2N
VCC
SENSE
RMI
VTH
CPWM
RD
1
8
(Top View)
See detailed ordering and shipping information on page 9 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - LB11867RV-TLM-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11867RV-TLM-H ONSEMI-LB11867RV-TLM-H Datasheet
202Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
More results

Similar Description - LB11867RV-TLM-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV_18 Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11868V ONSEMI-LB11868V_18 Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
LB11850VA ONSEMI-LB11850VA Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LA6585MC ONSEMI-LA6585MC_18 Datasheet
186Kb / 8P
   BTL Driver Single?릔hase Full?릛ave for Motor Driver
March, 2018 ??Rev. 1
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com