Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11850VA-TLM-E Datasheet(PDF) 13 Page - ON Semiconductor

Part # LB11850VA-TLM-E
Description  Single?릔hase Full?릛ave Pre?릁river
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11850VA-TLM-E Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LB11850VA-TLM-E Datasheet HTML 9Page - ON Semiconductor LB11850VA-TLM-E Datasheet HTML 10Page - ON Semiconductor LB11850VA-TLM-E Datasheet HTML 11Page - ON Semiconductor LB11850VA-TLM-E Datasheet HTML 12Page - ON Semiconductor LB11850VA-TLM-E Datasheet HTML 13Page - ON Semiconductor LB11850VA-TLM-E Datasheet HTML 14Page - ON Semiconductor LB11850VA-TLM-E Datasheet HTML 15Page - ON Semiconductor LB11850VA-TLM-E Datasheet HTML 16Page - ON Semiconductor LB11850VA-TLM-E Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LB11850VA
www.onsemi.com
13
<LIM Pin>
The minimum speed is determined by the voltage of the LIM pin.
Figure 13.
(RPM)
CTL Duty(%)
Maximum speed
0%
5 V
100%
2 V
Minimum
speed setup
CVO pin voltage (V)
2000
4000
6000
8000
10000
1) Obtain the ratio of the minimum speed required to the maximum speed.
Ra = Minimum speed/maximum speed .... <1>
In the example shown in the figure above, Ra = minimum speed/maximum speed = 3000/10000 = 0.3.
2) Obtain the product of the duty ratio at which the maximum speed is obtained and the value in equation <1>.
Ca = Duty ratio at maximum speed
× Ra .... <2>
In this example, Ca = duty ratio at maximum speed
× Ra = 0.8 × 0.3 = 0.24.
3) Obtain the required LIM pin voltage.
LIM = 5 − (3
× Ca) .... <3>
In this example, LIM = 5 − (3
× Ca) = 5 − (3 × 0.24) ≈ 4.3 V.
4) Divide the resistance of 5VREG, and generate the LIM voltage.
In this example, the voltage is 4.3 V so the resistance ratio is 1 : 6.
The resistance is 10 k
W between 5VREG and LIM and 62 kW between LIM and GND.
Figure 14.
5VREG
VREF
CVI
SOFT
LIM


Similar Part No. - LB11850VA-TLM-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11850VA-TLM-H ONSEMI-LB11850VA-TLM-H Datasheet
113Kb / 14P
   For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
May, 2013
More results

Similar Description - LB11850VA-TLM-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV_18 Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11867RV ONSEMI-LB11867RV_18 Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11868V ONSEMI-LB11868V_18 Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
LA6585MC ONSEMI-LA6585MC_18 Datasheet
186Kb / 8P
   BTL Driver Single?릔hase Full?릛ave for Motor Driver
March, 2018 ??Rev. 1
NCV7518 ONSEMI-NCV7518_16 Datasheet
491Kb / 37P
   Hex Low?릗ide MOSFET Pre?릁river
August, 2016 ??Rev. 2
NCV7518-D ONSEMI-NCV7518-D Datasheet
492Kb / 37P
   FLEXMOS Hex Low?릗ide MOSFET Pre?릁river
July, 2015 ??Rev. 1
NCV7518 ONSEMI-NCV7518 Datasheet
542Kb / 35P
   FLEXMOS Hex Low?릗ide MOSFET Pre?릁river
September, 2013 ??Rev. 0
LB11852RV ONSEMI-LB11852RV Datasheet
309Kb / 12P
   Single-phase Full-wave Pre-driver
May, 2013
LB11964FA ONSEMI-LB11964FA Datasheet
222Kb / 5P
   Single-phase Full-wave Pre-driver
May, 2013
LB11867FV ONSEMI-LB11867FV Datasheet
196Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com