Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA6585MC-AH Datasheet(PDF) 3 Page - ON Semiconductor

Part # LA6585MC-AH
Description  BTL Driver Single?릔hase Full?릛ave for Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA6585MC-AH Datasheet(HTML) 3 Page - ON Semiconductor

  LA6585MC-AH Datasheet HTML 1Page - ON Semiconductor LA6585MC-AH Datasheet HTML 2Page - ON Semiconductor LA6585MC-AH Datasheet HTML 3Page - ON Semiconductor LA6585MC-AH Datasheet HTML 4Page - ON Semiconductor LA6585MC-AH Datasheet HTML 5Page - ON Semiconductor LA6585MC-AH Datasheet HTML 6Page - ON Semiconductor LA6585MC-AH Datasheet HTML 7Page - ON Semiconductor LA6585MC-AH Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LA6585MC
www.onsemi.com
3
TRUTH TABLE
IN−
IN+
CT
OUT1
OUT2
FG
RD
Mode
H
L
L
H
L
L
L
During rotation
L
H
L
H
H
H
Off
Off
H
During overheat protection
Figure 1. Pd max − TA
030
60
0
200
400
600
800
1000
Ambient Temperature, TA − 5C
90
−30
120
Specified board: 114.3 × 76.1 × 1.6 mm
glass epoxy board
360
750


Similar Part No. - LA6585MC-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA6585MC ONSEMI-LA6585MC Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
More results

Similar Description - LA6585MC-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11850VA ONSEMI-LB11850VA Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LB11867FV ONSEMI-LB11867FV_18 Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11867RV ONSEMI-LB11867RV_18 Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11868V ONSEMI-LB11868V_18 Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
logo
Sanyo Semicon Device
LA6585M SANYO-LA6585M Datasheet
59Kb / 5P
   For Motor Driver BTL Driver Single-Phase Full-Wave
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581M SANYO-LA6581M Datasheet
72Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581U SANYO-LA6581U Datasheet
71Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com