Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA6585MC-AH Datasheet(PDF) 1 Page - ON Semiconductor

Part # LA6585MC-AH
Description  BTL Driver Single?릔hase Full?릛ave for Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA6585MC-AH Datasheet(HTML) 1 Page - ON Semiconductor

  LA6585MC-AH Datasheet HTML 1Page - ON Semiconductor LA6585MC-AH Datasheet HTML 2Page - ON Semiconductor LA6585MC-AH Datasheet HTML 3Page - ON Semiconductor LA6585MC-AH Datasheet HTML 4Page - ON Semiconductor LA6585MC-AH Datasheet HTML 5Page - ON Semiconductor LA6585MC-AH Datasheet HTML 6Page - ON Semiconductor LA6585MC-AH Datasheet HTML 7Page - ON Semiconductor LA6585MC-AH Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
March, 2018 − Rev. 1
1
Publication Order Number:
LA6585MC/D
LA6585MC
BTL Driver Single‐phase
Full‐wave for Motor Driver
Monolithic Digital IC
Overview
The LA6585MC is single-phase bipolar fan motor is driven, through
BTL output linear drive, at high efficiency, low power, and low sound
by suppressing the reactive power. Lock protection, rotary signal
circuits are incorporated, which is optimum for the notebook PC,
consumer equipment power supply, car audio system, CPU cooler, etc.
that require high reliability and low noise.
Functions and Features
Pre-driver for Single-phase Full-wave Drive
Single-phase Full-wave Linear Drive by BTL Output
(Gain Resistance 1 k
W−360 kW, 51 dB):
No Switching Noise, which is Optimum for Equipment Requiring
Silence, such as Consumer Equipment Power Supply, Car Audio
System, etc.
Low-voltage Operation Possible, with Wide Operating Voltage
Range (2.2 to 14.0 V)
Low Saturation Output (Upper + Lower Saturation Voltage:
VOsat (Total) = 1.2 V Typ, IO = 250 mA): High Coil Efficiency with
Low Current Drain. Additionally, IC itself Generates only Small Heat
Built-in Lock Protection and Automatic Reset Circuits
Built-in FG & RD Outputs
Built-in Hall bias (VHB = 1.5 V)
Thermal Protection Circuit: When the Large Current Flows due to
Output Short-circuit and the IC Chip Temperature Exceeds 180
°C,
this Protective Circuit Suppresses the Drive Current to Prevent Burn
and Damage to IC.
Extra-small & High Heat Capacity Package
www.onsemi.com
SOIC−10 NB
CASE 751BQ
MARKING DIAGRAM
PIN ASSIGNMENT
RD
FG
VCC
OUT2
GND
10
6
In+
HB
IN−
CT
OUT1
1
5
(Top View)
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
1
10
A6585 = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
A6585
ALYWX
G
1
10


Similar Part No. - LA6585MC-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA6585MC ONSEMI-LA6585MC Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
More results

Similar Description - LA6585MC-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11850VA ONSEMI-LB11850VA Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LB11867FV ONSEMI-LB11867FV_18 Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11867RV ONSEMI-LB11867RV_18 Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11868V ONSEMI-LB11868V_18 Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
logo
Sanyo Semicon Device
LA6585M SANYO-LA6585M Datasheet
59Kb / 5P
   For Motor Driver BTL Driver Single-Phase Full-Wave
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581M SANYO-LA6581M Datasheet
72Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581U SANYO-LA6581U Datasheet
71Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com