Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA6583MC-W-AH Datasheet(PDF) 5 Page - ON Semiconductor

Part # LA6583MC-W-AH
Description  Fan Motor Driver, BTL Driver Single?륯hase Full?륹ave
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA6583MC-W-AH Datasheet(HTML) 5 Page - ON Semiconductor

  LA6583MC-W-AH Datasheet HTML 1Page - ON Semiconductor LA6583MC-W-AH Datasheet HTML 2Page - ON Semiconductor LA6583MC-W-AH Datasheet HTML 3Page - ON Semiconductor LA6583MC-W-AH Datasheet HTML 4Page - ON Semiconductor LA6583MC-W-AH Datasheet HTML 5Page - ON Semiconductor LA6583MC-W-AH Datasheet HTML 6Page - ON Semiconductor LA6583MC-W-AH Datasheet HTML 7Page - ON Semiconductor LA6583MC-W-AH Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LA6583MC
www.onsemi.com
5
APPLICATION CIRCUIT EXAMPLE
Figure 3. Application Circuit Example
HB
Di
IN+
IN−
HB
IN+
IN−
Cr
GND
VCC
RD
FG
OUT1
OUT2
R2
*1
*2
*5
*4
*3
Elements in Substrate
H
R1
H
LA6583MC
*1: When Di to prevent breakdown in case of reverse
connection is used, it is necessary to insert
a capacitor Cr to secure the regenerative current
route. Similarly, Cr is necessary to enhance the
reliability when there is no capacitor near the fan
power line.
*2: When the Hall bias is taken from the HB pin,
constant-voltage bias is made with about 1.3 V.
Therefore, the Hall output becomes the stable
amplitude voltage satisfactory in temperature
characteristics.
By inserting R2 to obtain the Hall bias from both
VCC and HB, as shown in the figure, heat
generation of IC can be suppressed.
*3: In this IC, the Hall output amplitude is amplified
to produce the drive waveform.
Therefore, the switching time of the current
application direction is determined by the Hall
output, causing change in the characteristics of
motor. If the Hall element output amplitude is
large, the start-up performance and efficiency of
the IC are improved. On the other hand, if the Hall
element output amplitude is small, low-noise drive
is ensured. Adjust the Hall element output
amplitude by R1.
*4: Keep this open when this is not used.
*5: When the wiring from the Hall output to IC Hall
input is long, noise may be carried through the
wiring.
In this case, insert the capacitor as shown in the
figure.
ORDERING INFORMATION
Device
Package
Wire Bond
Shipping(Qty / Packing)
LA6583MC−AH
MFP10SK (225mil)
Au−wire
1,000 / Tape & Reel
LA6583MC−W−AH
MFP10SK (225mil)
Cu−wire
1,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - LA6583MC-W-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
More results

Similar Description - LA6583MC-W-AH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581M SANYO-LA6581M Datasheet
72Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581U SANYO-LA6581U Datasheet
71Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6586T SANYO-LA6586T Datasheet
124Kb / 8P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
LA6581T SANYO-LA6581T_09 Datasheet
75Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6583M SANYO-LA6583M Datasheet
96Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6587T SANYO-LA6587T_11 Datasheet
100Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6584 SANYO-LA6584 Datasheet
85Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com