Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7A05285PDBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # P7A05285PDBVT
Description  1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a 1-mm x 1-mm Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

P7A05285PDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button P7A05285PDBVT Datasheet HTML 2Page - Texas Instruments P7A05285PDBVT Datasheet HTML 3Page - Texas Instruments P7A05285PDBVT Datasheet HTML 4Page - Texas Instruments P7A05285PDBVT Datasheet HTML 5Page - Texas Instruments P7A05285PDBVT Datasheet HTML 6Page - Texas Instruments P7A05285PDBVT Datasheet HTML 7Page - Texas Instruments P7A05285PDBVT Datasheet HTML 8Page - Texas Instruments P7A05285PDBVT Datasheet HTML 9Page - Texas Instruments P7A05285PDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
TPS7A05
SBVS254A – FEBRUARY 2018 – REVISED MAY 2018
www.ti.com
Product Folder Links: TPS7A05
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
specified at TJ = –40°C to +125°C, VIN = VOUT(nom) + 0.5 V or 1.4 V (whichever is greater), IOUT = 1 mA, VEN = VIN, CIN = 1 µF,
and COUT = 1 µF (unless otherwise noted); typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VEN(LO)
EN pin logic low voltage
0.4
V
IEN
EN pin current
VEN = VIN = 5.5 V
10
nA
RPULLDOWN
Pulldown resistor
VIN = 3.3 V, P version only
120
Ω
Tsd
Thermal shutdown
temperature
Shutdown, temperature increasing
160
°C
Reset, temperature decreasing
140
(1)
See the Special Considerations When Ramping Down IN and Enable section for details on minimum ramp down rates to ensure
specified start-up times.
6.6 Switching Characteristics
specified at TJ = –40 to +125°C, VIN = VOUT(nom) + VDO(max) + 0.5 V, IOUT = 10 mA, and CIN = COUT = 1 µF (unless otherwise
noted); typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTR
Start-up time(1)
From EN assertion to VOUT = 95% × VOUT(nom) ,
VOUT = 1.8 V
1.5
2.8
ms


Similar Part No. - P7A05285PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P7A05285PDBVT TI1-P7A05285PDBVT Datasheet
511Kb / 24P
[Old version datasheet]   1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
More results

Similar Description - P7A05285PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A05 TI1-TPS7A05 Datasheet
511Kb / 24P
[Old version datasheet]   1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
TPS7A05_1810 TI1-TPS7A05_1810 Datasheet
4Mb / 50P
[Old version datasheet]   1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05_1808 TI1-TPS7A05_1808 Datasheet
4Mb / 50P
[Old version datasheet]   1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_19 Datasheet
4Mb / 52P
[Old version datasheet]   1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05_1905 TI1-TPS7A05_1905 Datasheet
4Mb / 52P
[Old version datasheet]   1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V01 Datasheet
4Mb / 52P
[Old version datasheet]   1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V02 Datasheet
4Mb / 55P
[Old version datasheet]   TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V05 Datasheet
4Mb / 55P
[Old version datasheet]   TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V04 Datasheet
4Mb / 55P
[Old version datasheet]   TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V03 Datasheet
4Mb / 55P
[Old version datasheet]   TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com