Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62773 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # ISL62773
Description  Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62773 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button ISL62773 Datasheet HTML 27Page - Renesas Technology Corp ISL62773 Datasheet HTML 28Page - Renesas Technology Corp ISL62773 Datasheet HTML 29Page - Renesas Technology Corp ISL62773 Datasheet HTML 30Page - Renesas Technology Corp ISL62773 Datasheet HTML 31Page - Renesas Technology Corp ISL62773 Datasheet HTML 32Page - Renesas Technology Corp ISL62773 Datasheet HTML 33Page - Renesas Technology Corp ISL62773 Datasheet HTML 34Page - Renesas Technology Corp ISL62773 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
ISL62773
FN8263 Rev 1.00
Page 31 of 37
Dec 16, 2015
Substitution of Equation 28 and rewriting Equation 34, or
substitution of Equation 32 and rewriting Equation 35, gives the
same result as in Equation 36:
One can use the full-load condition to calculate Rdroop. For
example, given Iomax = 65A, Idroopmax = 45µA and LL = 2.1mΩ,
Equation 36 gives Rdroop = 3.03kΩ.
It is recommended to start with the Rdroop value calculated by
Equation 36 and fine-tune it on the actual board to get accurate
load line slope. One should record the output voltage readings at
no load and at full load for load line slope calculation. Reading
the output voltage at lighter load instead of full load will increase
the measurement error.
Compensator
Figure 25 on page 29 shows the desired load transient response
waveforms. Figure 31 shows the equivalent circuit of a voltage
regulator (VR) with the droop function. A VR is equivalent to a
voltage source (= VID) and output impedance Zout(s). If Zout(s) is
equal to the load line slope LL, i.e., a constant output impedance,
then in the entire frequency range, Vo will have a square
response when Io has a square change.
Intersil provides a Microsoft Excel-based spreadsheet to help
design the compensator and the current sensing network so that
VR achieves constant output impedance as a stable system.
A VR with active droop function is a dual-loop system consisting of
a voltage loop and a droop loop, which is a current loop. However,
neither loop alone is sufficient to describe the entire system. The
spreadsheet shows two loop gain transfer functions, T1(s) and
T2(s), that describe the entire system. Figure 32 conceptually
shows T1(s) measurement setup and Figure 33 conceptually
shows T2(s) measurement setup. The VR senses the inductor
current, multiplies it by a gain of the load line slope, adds it on top
of the sensed output voltage and then feeds it to the compensator.
T1 is measured after the summing node and T2 is measured in the
voltage loop before the summing node. The spreadsheet gives
both T1(s) and T2(s) plots. However, only T2(s) can actually be
measured on an ISL62773 regulator.
T1(s) is the total loop gain of the voltage loop and the droop loop.
It always has a higher crossover frequency than T2(s), therefore
has a higher impact on system stability.
T2(s) is the voltage loop gain with closed droop loop, thus having
a higher impact on output voltage response.
Design the compensator to get stable T1(s) and T2(s) with sufficient
phase margin and an output impedance equal to or smaller than
the load line slope.
Current Balancing
Refer to Figures 17 through 24 for information on current
balancing. The ISL62773 achieves current balancing through
matching the ISEN pin voltages. Risen and Cisen form filters to
remove the switching ripple of the phase node voltages. It is
recommended to use a rather long RisenCisen time constant such
that the ISEN voltages have minimal ripple and represent the DC
current flowing through the inductors. Recommended values are
Rs = 10kΩ and Cs = 0.22µF.
Rdroop
Io
Idroop
---------------- LL
=
(EQ. 36)
FIGURE 31. VOLTAGE REGULATOR EQUIVALENT CIRCUIT
o
i
V
o
VID
Zout(s) = LL
LOAD
VR
FIGURE 32. LOOP GAIN T1(s) MEASUREMENT SETUP
Q2
Q1
L
iO
COUT
VO
VIN
GATE
DRIVER
COMP
MOD.
LOAD LINE SLOPE
EA
VID
CHANNEL B
CHANNEL A
EXCITATION OUTPUT
ISOLATION
TRANSFORMER
LOOP GAIN =
CHANNEL B
CHANNEL A
NETWORK
ANALYZER
+
+
+
-
20

FIGURE 33. LOOP GAIN T2(s) MEASUREMENT SETUP
Q2
Q1
L
IO
CO
VO
VIN
GATE
DRIVER
COMP
MOD.
LOADLINESLOPE
EA
VID
CHANNEL B
CHANNEL A
EXCITATION OUTPUT
ISOLATION
TRANSFORMER
LOOP GAIN =
CHANNEL B
CHANNEL A
NETWORK
ANALYZER
+
+
+
-
20



Similar Part No. - ISL62773

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62773 INTERSIL-ISL62773 Datasheet
915Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62773AHRZ RENESAS-ISL62773AHRZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62773AIRZ RENESAS-ISL62773AIRZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL62773HRZ INTERSIL-ISL62773HRZ Datasheet
915Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
More results

Similar Description - ISL62773

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6377 RENESAS-ISL6377 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6377 INTERSIL-ISL6377 Datasheet
1,000Kb / 36P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773 INTERSIL-ISL62773 Datasheet
915Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com