Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL62771 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. ISL62771
Description  Multiphase PWM Regulator for AMD Fusion™ Mobile CPUs Using SVI 2.0
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62771 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL62771 Datasheet HTML 1Page - Renesas Technology Corp ISL62771 Datasheet HTML 2Page - Renesas Technology Corp ISL62771 Datasheet HTML 3Page - Renesas Technology Corp ISL62771 Datasheet HTML 4Page - Renesas Technology Corp ISL62771 Datasheet HTML 5Page - Renesas Technology Corp ISL62771 Datasheet HTML 6Page - Renesas Technology Corp ISL62771 Datasheet HTML 7Page - Renesas Technology Corp ISL62771 Datasheet HTML 8Page - Renesas Technology Corp ISL62771 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
FN8321 Rev 4.00
Page 1 of 35
November 18, 2015
FN8321
Rev 4.00
November 18, 2015
ISL62771
Multiphase PWM Regulator for AMD Fusion™ Mobile CPUs Using SVI 2.0
DATASHEET
The ISL62771 is fully compliant with AMD Fusion SVI 2.0 and
provides a complete solution for microprocessor and graphics
processor core power. The ISL62771 controller supports two
Voltage Regulators (VRs) with three integrated gate drivers. The
Core VR supports 2-, or 1-phase configurations while the
Northbridge VR supports 1-phase operation. The two VRs share a
serial control bus to communicate with the AMD CPU and achieve
lower cost and smaller board area compared with two-chip
solutions.
The PWM modulator is based on Intersil’s Robust Ripple
Regulator R3™ Technology. Compared to traditional modulators,
the R3 modulator can automatically change switching frequency
for faster transient settling time during load transients and
improved light-load efficiency.
The ISL62771 has several other key features. Both outputs
support DCR current sensing with single NTC thermistor for
DCR temperature compensation or accurate resistor current
sensing. Both outputs utilize remote voltage sense, adjustable
switching frequency, OC protection and power-good.
Applications
• AMD fusion CPU/GPU and APU core power
• Notebook computers
Related Literature
• TB497, “Disabling the North Bridge Regulator on the
ISL62771”
Features
• Supports AMD SVI 2.0 serial data bus interface
- Serial VID clock frequency range 100kHz to 25MHz
• Dual output controller with integrated drivers
• Precision voltage regulation
- 0.5% system accuracy over-temperature
- 0.5V to 1.55V in 6.25mV steps
- Enhanced load line accuracy
• Supports multiple current sensing methods
- Lossless inductor DCR current sensing
- Precision resistor current sensing
• Programmable 1- or 2-phase for the core output
• Adaptive body diode conduction time reduction
• Superior noise immunity and transient response
• Output current and voltage telemetry
• Differential remote voltage sensing
• High efficiency across entire load range
• Programmable VID offset and droop on both outputs
• Programmable switching frequency for both outputs
• Excellent dynamic current balance between phases
• Protection: OCP/WOC, OVP, PGOOD and thermal monitor
• Small footprint 40 Ld 5x5 TQFN package
- Pb-free (RoHS compliant)
Core Performance
FIGURE 1. EFFICIENCY vs LOAD
FIGURE 2. VOUT vs LOAD
0
10
20
30
40
50
60
70
80
90
100
0
5
10 15 20 25 30 35 40 45 50 55
IOUT (A)
VOUT CORE = 1.1V
VIN = 8V
VIN = 12V
VIN = 19V
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
0
5
10 15 20 25 30 35 40 45 50 55
IOUT (A)
VIN = 8V
VIN = 12V
VIN = 19V
VOUT CORE = 1.1V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn