Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28023EVAL1Z Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL28023EVAL1Z
Description  Precision Digital Power Monitor with Margining
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28023EVAL1Z Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL28023EVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL28023EVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL28023EVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL28023EVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL28023EVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL28023EVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL28023EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL28023EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL28023EVAL1Z Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
ISL28023
FN8389 Rev 5.00
Page 6 of 55
March 18, 2016
Absolute Maximum Ratings
Thermal Information
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.0V
I2CVCC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.0V
VBUS (ISL28023FR60), VREG_IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63V
VBUS (ISL28023FR12) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.684V
Common-Mode Input Voltage (VINP, VINM). . . . . . . . . . . . . . . . . . . . . . . 63V
Differential Input Voltage (VINP, VINM) . . . . . . . . . . . . . . . . . . . . . . . . . ±63V
AUXV. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC - GND
Common-Mode Input Voltage (AUXP, AUXM) . . . . . . . . . . . . . . . . VCC - GND
Differential Input Voltage (AUXP, AUXM) . . . . . . . . . . . . . . . . . . . .VCC - GND
Input Voltage (Digital Pins) . . . . . . . . . . . . . . . . GND - 0.3 to I2CVCC + 0.3V
Output Voltage (Digital Pins) . . . . . . . . . . . . . . . GND - 0.3 to I2CVCC + 0.3V
Output Current (VREG_OUT, DAC_OUT) . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Open-Drain Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Open-Drain Voltage (SMBALERT1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V
ESD Ratings
Human Body Model (Tested per JESD22-A114) . . . . . . . . . . . . . . . . . 6kV
Machine Model (Tested per JESD22-A115). . . . . . . . . . . . . . . . . . . . 300V
Charged Device Model (Tested per JESD22-C101). . . . . . . . . . . . . . . 2kV
Latch-Up (Tested per JESD-78B) . . . . . . . . . . . . . . . . . ±100mA (at +125°C)
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
24 Ld QFN (Notes 4, 5) . . . . . . . . . . . . . . . .
38
2.5
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX) . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP-VINM = 80mV, AUXP-AUXM = 80mV,
AuxV = 3V, Conversion Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND pin.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
PRIMARY CHANNEL
VSHUNT
VSHUNT Measurement Range (VINP - VINM)0
±81.91
mV
Step_shunt
1LSB Step Shunt Voltage
2.5
µV
Vshunt_vos
VSHUNT Offset Voltage
±2.5
±50
µV
Vshunt_TC
VSHUNT Offset Voltage vs Temperature
T = -40°C to +125°C
±0.04
±0.30
µV/°C
Vshunt_CMRR
VSHUNT Vos vs Common-Mode
ISL28023FR60Z
VBUS = 0V to 60V
±0.16
±1.60
µV/V
ISL28023FR12Z
VBUS = 0V to 16.384V
±0.16
±1.60
µV/V
Vshunt_PSRR
VSHUNT Vos vs Power Supply
VCC = ±10% of VCC nominal
±0.45
µV/V
Ivin
VIN Input Leakage Current
VIN = VSHUNT input path selected, OC
detector disabled
15
20
µA
VIN = VSHUNT input path selected, OC
detector enabled
30
40
µA
VIN = VSHUNT input path disabled, OC
detector disabled
0.05
0.10
µA
VBUS
Usable Bus Voltage Measurement Range ISL28023FR60Z
0
60
V
ISL28023FR12Z
0
16.384
V
Step_Vbus
1LSB Step Bus Voltage
ISL28023FR60Z
1
mV
ISL28023FR12Z
0.25
mV


Similar Part No. - ISL28023EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28023EVAL1Z INTERSIL-ISL28023EVAL1Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023EVAL1Z INTERSIL-ISL28023EVAL1Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
More results

Similar Description - ISL28023EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com