Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

16T202DA1J Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. 16T202DA1J
Description  VACUUM FLUORESCENT DISPLAY MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

16T202DA1J Datasheet(HTML) 3 Page - Samsung semiconductor

  16T202DA1J Datasheet HTML 1Page - Samsung semiconductor 16T202DA1J Datasheet HTML 2Page - Samsung semiconductor 16T202DA1J Datasheet HTML 3Page - Samsung semiconductor 16T202DA1J Datasheet HTML 4Page - Samsung semiconductor 16T202DA1J Datasheet HTML 5Page - Samsung semiconductor 16T202DA1J Datasheet HTML 6Page - Samsung semiconductor 16T202DA1J Datasheet HTML 7Page - Samsung semiconductor 16T202DA1J Datasheet HTML 8Page - Samsung semiconductor 16T202DA1J Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SDI
16T202DA1J (Rev 1.0)
Page 3 / 18
4.3 Specifications of the Display Panel (See Fig_9 on Page 7/18 for details)
Table_3
Parameter
Symbol
Specification
Unit
Display Size
W x H
51.76 x 11.09
mm
Number of Digit
-
16 Digits x 2 Lines
-
Character Size (excluding cursor)
W x H
2.26 x 4.343
mm
Character Pitch
-
3.3(H) / 6.15(V)
mm
Dot Size
W x H
0.372 x 0.534
mm
Display Color
-
Blue-Green (peak 505 nm)
-
4.4 Environment Conditions
Table_4
Parameter
Symbol
Min.
Max.
Unit
Operating Temperature
Topr
-20
+70
oC
Storage Temperature
Tstg
-40
+85
oC
Humidity (Operating)
Hopr
0
85
%
Humidity (Non-operating)
Hstg
0
90
%
Vibration (10 ~ 55 Hz)
-
-
4
G
Shock
-
-
40
G
4.5 Absolute Maximum Ratings
Table_5
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage
VCC
-0.5
6.0
VDC
Input Signal Voltage
VIS
-0.5
Vcc+0.5
VDC
4.6 Recommend Operating Conditions
Table_6
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
4.5
5.0
5.5
VDC
Signal (Logic) Input Voltage
VIS
0
-
VCC
VDC
Operating Temperature
TOPR
-20
+25
+70
O
C
4.7 DC Characteristics (Ta=+25oC, Vcc=+5.0V)
Table_7
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Current
*)
ICC
-
130
200
mA
Logic Input Voltage
"H" Level
VIH
0.7xVCC
-
-
VDC
"L" Level
VIL
-
-
0.3xVCC
VDC
"H" level Input current
VIN=VCC
IIH
20
-
500
uA
Luminance
£Ì
100
(340)
200
(680)
-
ft-L
(cd/m
2)
*) Icc shows the current when all dots are turned on. The surge current can be approx. 3 times the
specified supply current at power on.
However, the exact peak surge current amplitude and
duration are dependent on the characteristics of the host power supply.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
20S207DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
16L102DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
SN65518VACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
TL4810BVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65512CVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
DS8881Vacuum Fluorescent Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
6118VACUUM FLUORESCENT DISPLAY DRIVER 1 2 3 4 5 MoreAllegro MicroSystems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn