Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

16T202DA1J Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. 16T202DA1J
Description  VACUUM FLUORESCENT DISPLAY MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

16T202DA1J Datasheet(HTML) 2 Page - Samsung semiconductor

  16T202DA1J Datasheet HTML 1Page - Samsung semiconductor 16T202DA1J Datasheet HTML 2Page - Samsung semiconductor 16T202DA1J Datasheet HTML 3Page - Samsung semiconductor 16T202DA1J Datasheet HTML 4Page - Samsung semiconductor 16T202DA1J Datasheet HTML 5Page - Samsung semiconductor 16T202DA1J Datasheet HTML 6Page - Samsung semiconductor 16T202DA1J Datasheet HTML 7Page - Samsung semiconductor 16T202DA1J Datasheet HTML 8Page - Samsung semiconductor 16T202DA1J Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SDI
16T202DA1J (Rev 1.0)
Page 2 / 18
1. SCOPE
This specification applies to VFD module (Model No: 16T202DA1J) manufactured by Samsung SDI.
2. FEATURES
2.1
LCD compatible interface and mounting holes.
(This VFD module is capable to communicate some different type of bus systems such as i80 (Intel) or
M68 (Motorola), 8-bit or 4-bit parallel data.)
2.2
High quality of display and luminance.
2.3
Compact and light-weight unit by using new VFD technology and flat packed one-chip controller.
2.4
+5V single power supply.
2.5
Luminance adjustment available by software (4 levels).
2.6
8 user definable fonts available (CG-RAM font).
2.7
ASCII and Jananese Katakana characters (CG-ROM font).
3. GENERAL DESCRIPTIONS
3.1 This specification becomes effective after being approved by the purchaser.
3.2 When any conflict is found in the specification, appropriate action shall be taken upon agreement of both
parties.
3.3 The expected necessary service parts should be arranged by the customer before the completion of
production.
4. PRODUCT SPECIFICATIONS
4.1 Type
Table_1
4.2 Outer Dimensions, Weight (See Fig_7 on Page 6/18 for details)
Table_2
Type
16T202DA1J
Digit Format
5 x 7 Dot Matrix with Cursor
Parameter
Specification
Unit
Outer
Dimensions
Width
Height
Thickness
85.0 +/-1.0
36.0 +/-1.0
19.5 Max
mm
mm
mm
Weight
Typical 35
g


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
20S207DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
16L102DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
SN65518VACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
TL4810BVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65512CVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
DS8881Vacuum Fluorescent Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
6118VACUUM FLUORESCENT DISPLAY DRIVER 1 2 3 4 5 MoreAllegro MicroSystems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn