Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16T202DA1J Datasheet(PDF) 18 Page - Samsung semiconductor

Part # 16T202DA1J
Description  VACUUM FLUORESCENT DISPLAY MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

16T202DA1J Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button 16T202DA1J Datasheet HTML 10Page - Samsung semiconductor 16T202DA1J Datasheet HTML 11Page - Samsung semiconductor 16T202DA1J Datasheet HTML 12Page - Samsung semiconductor 16T202DA1J Datasheet HTML 13Page - Samsung semiconductor 16T202DA1J Datasheet HTML 14Page - Samsung semiconductor 16T202DA1J Datasheet HTML 15Page - Samsung semiconductor 16T202DA1J Datasheet HTML 16Page - Samsung semiconductor 16T202DA1J Datasheet HTML 17Page - Samsung semiconductor 16T202DA1J Datasheet HTML 18Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
SDI
16T202DA1J (Rev 1.0)
Page 18 / 18
7.OPERATING RECOMMENDATIONS
7.1 Avoid applying excessive shock or vibration beyond the specification for the VFD module.
7.2 Since VFDs are made of glass material, careful handling is required.
i.e. Direct impact with hard material to the glass surface(especially exhaust tip) may crack
the glass.
7.3 When mounting the VFD module to your system, leave a slight gap between the VFD glass
and your front panel.
The module should be mounted without stress to avoid flexing of the PCB.
7.4 Avoid plugging or unplugging the interface connection with the power on, otherwise it may
cause the severe damage to input circuitry.
7.5 Slow starting power supply may cause non-operation because one chip micom won't be reset.
7.6 Exceeding any of maximum ratings may cause the permanent damage.
7.7 Since the VFD modules contain high voltage source, careful handling is required during
powered on.
7.8 When the power is turned off, the capacitor does not discharge immediately.
The high voltage applied to the VFD must not contact to the ICs. And the short-circuit of
mounted components on PCB within 30 seconds after power-off may cause damage to those.
7.9 The power supply must be capable of providing at least 3 times the rated current, because
the surge current can be more than 3 times the specified current consumption when the
power is turned on.
7.10 Avoid using the module where excessive noise interference is expected. Noise may affects
the interface signal and causes improper operation. And it is important to keep the length of
the interface cable less than 50cm.
7.11 Since all VFD modules contain C-MOS ICs, anti-static handling procedures are always required.


Similar Part No. - 16T202DA1J

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16T NELLSEMI-16T Datasheet
661Kb / 7P
   Snubberless, Logic Level and Standard
16T NELLSEMI-16T Datasheet
661Kb / 7P
   TRIACs
16T06A-B NELLSEMI-16T06A-B Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
16T06A-C NELLSEMI-16T06A-C Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
More results

Similar Description - 16T202DA1J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
16L102DA4 SAMSUNG-16L102DA4 Datasheet
1Mb / 12P
   VACUUM FLUORESCENT DISPLAY MODULE
logo
List of Unclassifed Man...
M204SD02AJ ETC2-M204SD02AJ Datasheet
323Kb / 22P
   VACUUM FLUORESCENT DISPLAY MODULE
logo
Newhaven Display Intern...
M0224SD-242MDBR1-1 NEWHAVEN-M0224SD-242MDBR1-1 Datasheet
856Kb / 20P
   VacuumFluorescentDisplayModule
M0116LD-161LDA1 NEWHAVEN-M0116LD-161LDA1 Datasheet
722Kb / 14P
   Vacuum Fluorescent Display Module
M0116LY-161LSA2 NEWHAVEN-M0116LY-161LSA2 Datasheet
910Kb / 11P
   Vacuum Fluorescent Display Module
logo
List of Unclassifed Man...
M202SD16AJ ETC2-M202SD16AJ Datasheet
387Kb / 22P
   VACUUM FLUORESCENT DISPLAY MODULE
logo
Samsung semiconductor
20S207DA4 SAMSUNG-20S207DA4 Datasheet
939Kb / 13P
   VACUUM FLUORESCENT DISPLAY MODULE
20T202DA1E SAMSUNG-20T202DA1E Datasheet
372Kb / 17P
   VACUUM FLUORESCENT DISPLAY MODULE
logo
Newhaven Display Intern...
M0220SD-202SDAR1-S NEWHAVEN-M0220SD-202SDAR1-S Datasheet
868Kb / 22P
   Vacuum Fluorescent Display Module
M0116LD-161LDA2 NEWHAVEN-M0116LD-161LDA2 Datasheet
727Kb / 14P
   Vacuum Fluorescent Display Module
M0121LB-222LHAR2-I1 NEWHAVEN-M0121LB-222LHAR2-I1 Datasheet
749Kb / 17P
   Vacuum Fluorescent Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com