Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

16T202DA1J Datasheet(PDF) 6 Page - Samsung semiconductor

Part No. 16T202DA1J
Description  VACUUM FLUORESCENT DISPLAY MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

16T202DA1J Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button 16T202DA1J Datasheet HTML 2Page - Samsung semiconductor 16T202DA1J Datasheet HTML 3Page - Samsung semiconductor 16T202DA1J Datasheet HTML 4Page - Samsung semiconductor 16T202DA1J Datasheet HTML 5Page - Samsung semiconductor 16T202DA1J Datasheet HTML 6Page - Samsung semiconductor 16T202DA1J Datasheet HTML 7Page - Samsung semiconductor 16T202DA1J Datasheet HTML 8Page - Samsung semiconductor 16T202DA1J Datasheet HTML 9Page - Samsung semiconductor 16T202DA1J Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SDI
16T202DA1J (Rev 1.0)
Page 6 / 18
4.10 System Block Diagram
4.11 Outer Dimensions
Fig-6 System Block Diagram of this VFD Module
VFD
16T202
E
RS
Controller
R/W
(+5Vdc)
Vcc
GND
F1
F2
VDD
VDISP
RS
R/W
E
Vcc
Vbb
ANODE
DC/DC
Converter
#1
#2
#6
#5
#4
72 Lines
RESET
/RST
External reset
selection switch
(Soldering Pad)
JP1
#3
VSS
DB0~DB7
#7~#14
16 Lines
GRID
MPU
JP0
Vcc
MPU interface
selection switch
(Soldering Pad)
Ef1
Ef2
Fig-7 Outer Dimensions
23.0 +0.7
-0.5
6.5+/-1.0
3.0 Max
DISPLAY AREA (51.76*11.09)
4-O2.5+/-0.3
(19.18)
2.5+/-0.5
80.0 +/-0.3
85.0 +/-1.0
31.0 +/-0.3
36.0 +/-0.5
2.5+/-0.5
(12.61 )
(Unit:mm)
76.0 +0.8
-0.5
10.0 +/-1.0
7.5+/-1.0
(1.5)
Mounting Component Area
3.5 Max
8.5 Max
(45.06)
(39.94)
19.5 Max
14.5 Max
30.0 Max


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
20S207DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
16L102DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
SN65518VACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
TL4810BVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65512CVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
DS8881Vacuum Fluorescent Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
6118VACUUM FLUORESCENT DISPLAY DRIVER 1 2 3 4 5 MoreAllegro MicroSystems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn