Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

16T202DA1J Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. 16T202DA1J
Description  VACUUM FLUORESCENT DISPLAY MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

16T202DA1J Datasheet(HTML) 5 Page - Samsung semiconductor

  16T202DA1J Datasheet HTML 1Page - Samsung semiconductor 16T202DA1J Datasheet HTML 2Page - Samsung semiconductor 16T202DA1J Datasheet HTML 3Page - Samsung semiconductor 16T202DA1J Datasheet HTML 4Page - Samsung semiconductor 16T202DA1J Datasheet HTML 5Page - Samsung semiconductor 16T202DA1J Datasheet HTML 6Page - Samsung semiconductor 16T202DA1J Datasheet HTML 7Page - Samsung semiconductor 16T202DA1J Datasheet HTML 8Page - Samsung semiconductor 16T202DA1J Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SDI
16T202DA1J (Rev 1.0)
Page 5 / 18
No.
Signal
No.
Signal
1
GND
8
DB1
2
Vcc
9
DB2
3
* /RST
10
DB3
4
RS
11
DB4
5
R/W(/WR)
12
DB5
6
E(/RD)
13
DB6
7
DB0
14
DB7
4.8.4 M68 type CPU bus write-in Timing
4.8.5 M68 type CPU bus read-out Timing
4.9 Connector Pin Assignment
Fourteen of through holes are prepared for power supply
and signal interface. A connector may be able to soldered
to the holes. Location and dimensions are showen at Fig-8
on page 7/18.
*) The third hole (pin #3) can be used for reset input if the
soldering pad "JP1" is short-circuited.
(Refer to "Fig-6 System Block Diagram" on next page.)
Fig-4 Data write-in Timing Diagram (M68 bus interface)
VALID
RS
tCYC(E)
Min 500ns
tWH(E)
Min 230ns
tWL(E)
Min 230ns
tHWR(data)
Min 10ns
tSU(data)
Min 80ns
E
R/W
tSU(RS,R/W)
Min 20ns
tH(RS.R/W)
Min 10ns
DB0~DB7
Fig-5 Data read-out Timing Diagram (M68 bus interface)
VALID
RS
tDELAY (data)
Max 160ns
tCYC(E)
Min 500ns
tWH(E)
Min 230ns
tWL(E)
Min 230ns
tHRD(data)
Min 5ns
E
R/W
tSU(RS,R/W)
Min 20ns
tH(RS.R/W)
Min 10ns
DB0~DB7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
20S207DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
16L102DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
SN65518VACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
TL4810BVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65512CVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
DS8881Vacuum Fluorescent Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
6118VACUUM FLUORESCENT DISPLAY DRIVER 1 2 3 4 5 MoreAllegro MicroSystems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn