Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

16T202DA1J Datasheet(PDF) 4 Page - Samsung semiconductor

Part No. 16T202DA1J
Description  VACUUM FLUORESCENT DISPLAY MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

16T202DA1J Datasheet(HTML) 4 Page - Samsung semiconductor

  16T202DA1J Datasheet HTML 1Page - Samsung semiconductor 16T202DA1J Datasheet HTML 2Page - Samsung semiconductor 16T202DA1J Datasheet HTML 3Page - Samsung semiconductor 16T202DA1J Datasheet HTML 4Page - Samsung semiconductor 16T202DA1J Datasheet HTML 5Page - Samsung semiconductor 16T202DA1J Datasheet HTML 6Page - Samsung semiconductor 16T202DA1J Datasheet HTML 7Page - Samsung semiconductor 16T202DA1J Datasheet HTML 8Page - Samsung semiconductor 16T202DA1J Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SDI
16T202DA1J (Rev 1.0)
Page 4 / 18
4.8 Timing Chart and AC Characteristics
4.8.1 Power-on Reset and/or RESET signal Timing
4.8.2 i80 type CPU bus write-in Timing
4.8.3 i80 type CPU bus read-out Timing
/RST
Vcc
Fig-1 Power-on Reset and /RESET signal Timing
0.2V
4.5V
tOFF(VCC)
Min 100ms
tr(VCC)
Max 1ms
/WR
tWAIT *
Min 100us
tRESET
Min 500ns
* Note) tWAIT : Internal Reseting Time
DB0~DB7
/WR
RS
VALID
tSU(RS)
Min 10ns
tH(RS)
Min 10ns
tCYC(/WR)
Min 200ns
tWH(/WR)
Min 100ns
tSU(data)
Min 30ns
tHW(data)
Min 10ns
tWL(/WR)
Min 30ns
Fig-2 Data write-in Timing Diagram (i80 bus interface)
VALID
tACESS(data)
Max 70ns
/RD
RS
tSU(RS)
Min 10ns
tCYC(/RD)
Min 200ns
tWH(/RD)
Min 100ns
tHR(data)
Min 5ns
tWL(/RD)
Min 70ns
Fig-3 Data Read-out Timing Diagram (i80 bus interface)
tH(RS)
Min 10ns
DB0~DB7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
20S207DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
16L102DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
SN65518VACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
TL4810BVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65512CVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTexas Instruments
DS8881Vacuum Fluorescent Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
6118VACUUM FLUORESCENT DISPLAY DRIVER 1 2 3 4 5 MoreAllegro MicroSystems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn