Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL016A10BAER22 Datasheet(PDF) 11 Page - SPANSION

Part # S29GL016A10BAER22
Description  S29GL-A MirrorBit Flash Family
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL016A10BAER22 Datasheet(HTML) 11 Page - SPANSION

Back Button S29GL016A10BAER22 Datasheet HTML 7Page - SPANSION S29GL016A10BAER22 Datasheet HTML 8Page - SPANSION S29GL016A10BAER22 Datasheet HTML 9Page - SPANSION S29GL016A10BAER22 Datasheet HTML 10Page - SPANSION S29GL016A10BAER22 Datasheet HTML 11Page - SPANSION S29GL016A10BAER22 Datasheet HTML 12Page - SPANSION S29GL016A10BAER22 Datasheet HTML 13Page - SPANSION S29GL016A10BAER22 Datasheet HTML 14Page - SPANSION S29GL016A10BAER22 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
April 22, 2005 S29GL-A_00_A3
S29GL-A MirrorBit™ Flash Family
9
Ad vance
Info rmat i o n
Notes:
1. Ball D8 and Ball F1 are NC on S29GL064A (models R3, R4).
2. Ball F7 is NC on S29GL064A (model R5).
3. Ball C5 is NC on S29GL032A and S29GL016A.
4. Ball D4 is NC on S29GL016A.
Special Package Handling Instructions
Special handling is required for Flash Memory products in moulded packages
(TSOP and BGA). The package and/or data integrity may be compromised if the
package body is exposed to temperatures above 150°C for prolonged periods of
time.
A2
C2
D2
E2
F2
G2
H2
A3
C3
D3
E3
F3
G3
H3
A4
C4
D4
E4
F4
G4
H4
A5
C5
D5
E5
F5
G5
H5
A6
C6
D6
E6
F6
G6
H6
A7
C7
D7
E7
F7
G7
H7
DQ15/A-1
VSS
BYTE#2
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
A213
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A204
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
A1
C1
D1
E1
F1
G1
H1
NC
NC
VIO
1
NC
NC
NC
NC
NC
A8
C8
B2
B3
B4
B5
B6
B7
B1
B8
D8
E8
F8
G8
H8
NC
NC
NC
VSS
VIO
1
NC
NC
NC
64-ball Fortified BGA
Top View, Balls Facing Down


Similar Part No. - S29GL016A10BAER22

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL016A10BAI010 SPANSION-S29GL016A10BAI010 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A10BAI012 SPANSION-S29GL016A10BAI012 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A10BAI013 SPANSION-S29GL016A10BAI013 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A10BAIR10 SPANSION-S29GL016A10BAIR10 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A10BAIR12 SPANSION-S29GL016A10BAIR12 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL016A10BAER22

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com