Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6563IRZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6563IRZ
Description  Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6563IRZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6563IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6563IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6563IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6563IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6563IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6563IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6563IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6563IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6563IRZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL6563
FN9126 Rev 8.00
Page 8 of 20
Jun 10, 2010
voltage droop characteristic. Internal average channel
current is fed into the FB pin; the voltage thus developed
across R1 is equal to the droop voltage.
Assuming identical power switch selection on the two
channels, Equation 4 determines the current fed out the FB
pin for output voltage droop generation:
where, rDS(ON) - lower MOSFET/s’ ON resistance (@5V)
IPHASE - average phase current
Multiphase Power Conversion
Multiphase power conversion provides a cost-effective
power solution when load currents are no longer easily
supported by single-phase converters. Although its greater
complexity presents additional technical challenges, the
multiphase approach offers cost-saving advantages with
improved response time, superior ripple cancellation, and
thermal distribution.
INTERLEAVING
The switching of each channel in an ISL6563-based
converter is timed to be symmetrically out of phase with the
other channel. As a result, the two-phase converter has a
combined ripple frequency twice the frequency of one of its
phases. In addition, the peak-to-peak amplitude of the
combined inductor currents is proportionately reduced.
Increased ripple frequency and lower ripple amplitude
generally translate to lower per-channel inductance and
lower total output capacitance for a given set of performance
specifications.
Figure 2 illustrates the additive effect on output ripple
frequency. The two channel currents (IL1 and IL2), combine
to form the AC ripple current and the DC load current. The
ripple component has two times the ripple frequency of each
individual channel current.
To understand the reduction of ripple current amplitude in the
multiphase circuit, examine Equation 5, which represents an
individual channel’s peak-to-peak inductor current.
VIN and VOUT are the input and output voltages,
respectively, L is the single-channel inductor value, and fS is
the switching frequency.
The output capacitors conduct the ripple component of the
inductor current. In the case of multiphase converters, the
capacitor current is the sum of the ripple currents from each
of the individual channels. Peak-to-peak ripple current, IPP,
decreases by an amount proportional to the number of
channels. Output-voltage ripple is a function of capacitance,
capacitor equivalent series resistance (ESR), and inductor
ripple current. Reducing the inductor ripple current allows
the designer to use fewer or less costly output capacitors
(should output ripple be an important design parameter).
Another benefit of interleaving is the reduction of input ripple
current. Input capacitance is determined in a large part by
the maximum input ripple current. Multiphase topologies can
improve overall system cost and size by lowering input ripple
current and allowing the designer to reduce the cost of input
capacitance. The example in Figure 3 illustrates input
currents from a two-phase converter combining to reduce
the total input ripple current.
Figure 11, part of “Input Capacitor Selection” on page 18,
can be used to determine the input-capacitor RMS current
based on load current and duty cycle. The figure is provided
as an aid in determining the optimal input capacitor solution.
IFB
rDS ON
 IPHASE
RISEN
------------------------------------------------
=
(EQ. 4)
FIGURE 2. PWM AND INDUCTOR-CURRENT WAVEFORMS
FOR 2-PHASE CONVERTER
PWM2
PWM1
IL2
IL1
IL1 + IL2
ILPP
VIN VOUT
 V
OUT
LfS V
IN
----------------------------------------------------------
=
(EQ. 5)
IPP
VIN NVOUT
 V
OUT
LfS V
IN
--------------------------------------------------------------------
=
(EQ. 6)
FIGURE 3. INPUT CAPACITOR CURRENT AND INDIVIDUAL
CHANNEL CURRENTS IN A 2-PHASE
CONVERTER
Q1 D-S CURRENT
Q3 D-S CURRENT
CIN CURRENT


Similar Part No. - ISL6563IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6563IRZ INTERSIL-ISL6563IRZ Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563IRZ-T INTERSIL-ISL6563IRZ-T Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - ISL6563IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 RENESAS-ISL8101 Datasheet
904Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com