Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6530CBZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6530CBZ
Description  Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6530CBZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6530CBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL6530
FN9052 Rev 2.00
Page 8 of 18
Nov 15, 2004
Shoot-Through Protection
A shoot-through condition occurs when both the upper
MOSFET and lower MOSFET are turned on simultaneously,
effectively shorting the input voltage to ground. To protect
the regulators from a shoot-through condition, the ISL6530
incorporates specialized circuitry which insures that
complementary MOSFETs are not ON simultaneously.
The adaptive shoot-through protection utilized by the VDDQ
regulator looks at the lower gate drive pin, LGATE1, and the
phase node, PHASE1, to determine whether a MOSFET is
ON or OFF. If PHASE1 is below 0.8V, the upper gate is
defined as being OFF. Similarly, if LGATE1 is below 0.8V,
the lower MOSFET is defined as being OFF. This method of
shoot-through protection allows the VDDQ regulator to
source current only.
Due to the necessity of sinking current, the VTT regulator
employs a modified protection scheme from that of the
VDDQ regulator. If the voltage from UGATE2 or from
LGATE2 to GND is less than 0.8V, then the respective
MOSFET is defined as being OFF and the other MOSFET is
turned ON.
Since the voltage of the lower MOSFET gates and the upper
MOSFET gate of the VTT supply are being measured to
determine the state of the MOSFET, the designer is
encouraged to consider the repercussions of introducing
external components between the gate drivers and their
respective MOSFET gates before actually implementing
such measures. Doing so may interfere with the shoot-
through protection.
Power Down Mode
DDRAM systems include a sleep state in which the VDDQ
voltage to the memories is maintained, but signaling is
suspended. During this mode the VTT termination voltage is
no longer needed. The only load placed on the VTT bus is
the leakage of the associated signal pins of the DDRAM and
memory controller ICs.
When the V2_SD input of the ISL6530 is driven high, the
VTT regulator is placed into a “sleep” state. In the sleep
state the main VTT regulator is disabled, with both the
upper and lower MOSFETs being turned off. The VTT bus
is maintained at close to .5xVdd via a low current window
regulator which drives VTT via the SENSE2 pin.
Maintaining VTT at .5xVDDQ consumes negligible power
and enables rapid wake-up from sleep mode without the
need of softstarting the VTT regulator. During this power
down mode, PGOOD is held LOW.
Output Voltage Selection
The output voltage of the VDDQ regulator can be
programmed to any level between VIN (i.e. +5V) and the
internal reference, 0.8V. An external resistor divider is used
to scale the output voltage relative to the reference voltage
and feed it back to the inverting input of the error amplifier,
see Figure 3. However, since the value of R1 affects the
values of the rest of the compensation components, it is
advisable to keep its value less than 5k
. R4 can be
calculated based on the following equation:
If the output voltage desired is 0.8V, simply route VOUT1
back to the FB pin through R1, but do not populate R4.
VTT Reference Overdrive
The ISL6530 allows the designer to bypass the internal 50%
tracking of VDDQ that is used as the reference for VTT. The
ISL6530 was designed to divide down the VDDQ voltage by
50% through two internal matched resistances. These
resistances are typically 200k
.
FIGURE 2. SOFT-START INTERVAL
0V
TIME
VCC (5V)
(1V/DIV)
T1
T2
T0
VDDQ (2.5V)
VTT (1.25V)
R4
R1 0.8V
VOUT1 0.8V
--------------------------------------
=
FIGURE 3. OUTPUT VOLTAGE SELECTION OF VDDQ
+
R1
COUT1
+5V
VDDQ
R4
LOUT
ISL6530
C4
Q1
FB1
UGATE1
VCC
BOOT1
COMP1
D1
R2
C2
C1
R3
C3
PHASE1
LGATE1
Q2


Similar Part No. - ISL6530CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6530CBZ INTERSIL-ISL6530CBZ Datasheet
540Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL6530CBZ-T INTERSIL-ISL6530CBZ-T Datasheet
540Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
More results

Similar Description - ISL6530CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6531 RENESAS-ISL6531 Datasheet
897Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6530 INTERSIL-ISL6530 Datasheet
540Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL6531 INTERSIL-ISL6531 Datasheet
461Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6535 INTERSIL-ISL6535 Datasheet
343Kb / 14P
   Synchronous Buck Pulse-Width Modulator PWM Controller
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com