Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6422 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6422
Description  Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6422 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6422 Datasheet HTML 1Page - Renesas Technology Corp ISL6422 Datasheet HTML 2Page - Renesas Technology Corp ISL6422 Datasheet HTML 3Page - Renesas Technology Corp ISL6422 Datasheet HTML 4Page - Renesas Technology Corp ISL6422 Datasheet HTML 5Page - Renesas Technology Corp ISL6422 Datasheet HTML 6Page - Renesas Technology Corp ISL6422 Datasheet HTML 7Page - Renesas Technology Corp ISL6422 Datasheet HTML 8Page - Renesas Technology Corp ISL6422 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FN9190 Rev 2.00
Page 1 of 20
Aug 10, 2007
FN9190
Rev 2.00
Aug 10, 2007
ISL6422
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for
Advanced Satellite Set-Top Box Designs
DATASHEET
The ISL6422 is a highly integrated voltage regulator and
interface IC, specifically designed for supplying power and
control signals from advanced satellite set-top box (STB)
modules to the low noise blocks (LNBs) of two antenna
ports. The device is consists of two independent
current-mode boost PWMs and two low-noise linear
regulators along with the circuitry required for 22kHz tone
generation, modulation and I2C device interface. The device
makes the total LNB supply design simple, efficient and
compact with low external component count.
Two independent current-mode boost converters provide the
linear regulators with input voltages that are set to the final
output voltages, plus typically 0.8V to insure minimum power
dissipation across each linear regulator. This maintains
constant voltage drops across each linear pass element
while permitting adequate voltage range for tone injection.
The final regulated output voltages are available at two
output terminals to support simultaneous operation of two
antenna ports for dual tuners. The outputs for each PWM
can be controlled in two ways:
• Full control from I2C using the VTOP1, VTOP2, VBOT1,
and VBOT12 bits, or
• Set the I2C to the lower range (13V/14V) and switch to the
higher range (18V/19V) with the SELVTOP1 or
SELVTOP2 pin.
All the functions on this IC are controlled via the I2C bus by
writing 8-bit words onto the System Registers (SR). The
same register can be read back, and 4-bits per output will
report the diagnostic status. Separate enable commands sent
on the I2C bus provide independent standby mode control for
each PWM and linear combination, disabling the output into
shutdown mode. Each output channel is capable of providing
750mA of continuous current. The overcurrent limit can be
digitally programmed.
The External modulation input EXTM1, EXTM2 can accept a
modulated Diseqc command and transfer it symmetrically to
the output. Alternatively, the EXTM1 or EXTM2 pin can be
used to modulate the continuous internal tone.
The FLT pin serves as an interrupt for the processor when
an over temperature, overcurrent or backwards overcurrent
fault conditions is detected by the LNB controller or when
both channels are disabled by the I2C EN bits set low. The
nature of the fault can be read of the I2C registers.
Features
• Single Chip Power Solution
- True Dual Operation for 2-Tuner/2-Dish Applications
- Both Outputs May be Enabled Simultaneously at
Maximum Power
- Integrated DC/DC Converter and I2C Interface
• Switch-Mode Power Converter for Lowest Dissipation
- Boost PWMs with >92% Efficiency
- Selectable 13.3V or 18.3V Outputs
- Digital Cable Length Compensation (1V)
-I2C and Pin controllable output
• Output Back Bias Capability of 28V
•I2C Compatible Interface for Remote Device Control
• Four level Slave Address 0001 00XX
• 2.5V, 3.3V, 5V Logic Compatible
• External Pins to Toggle Between V and H Polarization.
• Supports DiSEqC 2.0 Protocol
• Built-In Tone Oscillator Factory Trimmed to 22kHz
- Facilitates DiSEqC (EUTELSAT) Encoding
- External Modulation Input
• Internal Over-Temperature Protection and Diagnostics
• Internal OV, UV, Overload and Over-Temperature Flags
(Visible on I2C)
•FLT Signal
• LNB Short-Circuit Protection and Diagnostics
• QFN, EPTSSOP Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• LNB Power Supply and Control for Satellite Set-Top Box
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6422ERZ*
ISL6422 ERZ -20 to +85 40 Ld 6x6 QFN L40.6x6
ISL6422EVEZ* ISL6422 EVEZ -20 to+ 85 38 Ld EPTSSOP M38.173B
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.


Similar Part No. - ISL6422

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6422 INTERSIL-ISL6422 Datasheet
304Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Renesas Technology Corp
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6422B INTERSIL-ISL6422B Datasheet
394Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 8, 2015
ISL6422BERZ INTERSIL-ISL6422BERZ Datasheet
293Kb / 18P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
More results

Similar Description - ISL6422

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6422 INTERSIL-ISL6422 Datasheet
304Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6422BERZ INTERSIL-ISL6422BERZ Datasheet
394Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 8, 2015
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 INTERSIL-ISL6424 Datasheet
374Kb / 12P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Renesas Technology Corp
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6405 INTERSIL-ISL6405 Datasheet
233Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com