Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL84-3G Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SL84-3G
Description  SMD Schottky Barrier Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SL84-3G Datasheet(HTML) 2 Page - Diotec Semiconductor

  SL84-3G Datasheet HTML 1Page - Diotec Semiconductor SL84-3G Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL82-3G, SL84-3G
Characteristics
Kennwerte
Type
Typ
Forward voltage
Durchlass-Spannung
Forward voltage
Durchlass-Spannung
Leakage current
Sperrstrom
VF [V] @ IF [A]
@ Tj
VF [V] @ IF [A] @ Tj
IR
@ VR [V] @ Tj
SL82-3G
< 0.45
5
25°C
< 0.50
8
25°C
< 50 µA
typ. 3 mA
20
25°C
100°C
SL84-3G
< 0.45
5
25°C
< 0.50
8
25°C
< 200 µA
typ. 10 mA
40
25°C
100°C
Junction capacitance – Sperrschichtkapazität
VR = 4 V
Cj
typ. 320 pF
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 40 K/W
1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 10 K/W
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 50 mm
2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm
2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the terminals
Zul. Richtstrom in Abh. v. d. Temp. der Terminals
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
T
150
100
50
0
10
2
10
1
10
-1
10
-2
[A]
I
F
0
V
F
0.4
0.6
[V]
1.0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
T =
2 5°C
j
T = 12 5 °C
j
10
2
10
1
1
10
-1
10
-2
[mA]
I
R
0
V
RRM
20
30
40 [V]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 2 5°C
j
T = 1 00 °C
j
T = 1 25 °C
j
T = 50 °C
j
T = 75 °C
j


Similar Part No. - SL84-3G

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
SL800 EDI-SL800 Datasheet
43Kb / 2P
   FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS
logo
Laird Tech Smart Techno...
SL80173WP LSTD-SL80173WP Datasheet
401Kb / 1P
   Neutral color and dimunuitive profile
SL8025WP LSTD-SL8025WP Datasheet
522Kb / 1P
   Integrated N male connector
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
More results

Similar Description - SL84-3G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK1520YD2 DIOTEC-SK1520YD2_17 Datasheet
169Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK4035CD2 DIOTEC-SK4035CD2 Datasheet
180Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_17 Datasheet
159Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
PPL2060 DIOTEC-PPL2060 Datasheet
165Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK34SMA-3G DIOTEC-SK34SMA-3G_18 Datasheet
160Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK52 DIOTEC-SK52_18 Datasheet
157Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
PPL2060 DIOTEC-PPL2060_19 Datasheet
148Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SKL32 DIOTEC-SKL32_18 Datasheet
135Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK1820D2 DIOTEC-SK1820D2_17 Datasheet
170Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK52 DIOTEC-SK52_15 Datasheet
150Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK12 DIOTEC-SK12_15 Datasheet
151Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com