Electronic Components Datasheet Search |
|
SF2093E Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
SF2093E Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 6 page ©2010-2014 by Murata Electronics N.A., Inc. SF2093E (R) 4/7/14 Page 1 of 6 www.murata.com Electrical Characteristics Electrical Connections Characteristic Sym Notes Min Typ Max Units Center Frequency fC 915.00 MHz Insertion Loss, 902 to 928 MHz IL 2.5 3.5 dB Amplitude Ripple, p-p, 902 to 928 MHz 0.5 2.0 VSWR, 902 to 928 MHz 1.75 2.4 Attenuation Referenced to 0 dB: DC to 800 MHz 40 54 850 to 870 MHz 35 54 960 to 1035 MHz 28 36 1035 to 1500 MHz 40 57 1500 to 3000 MHz 30 56 Source Impedance ZS 800 Ω Load Impedance ZL 50 Ω Case Style SM3030-8 3.0 x 3.0 mm Nominal Footprint Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator 582, YWWS Standard Reel Quantity Reel Size 7 Inch 500 Pieces/Reel Reel Size 13 Inch 3000 Pieces/Reel Connection Terminals Input, Balanced 1, 3 Output, Single Ended 6 Case Ground All others SM3030-8 • Steep Roll-off Filter for 915 MHz ISM band • Differential Input / Single-ended Output • Complies with Directive 2002/95/EC (RoHS) Absolute Maximum Ratings Rating Value Units Input Power Level +15 dBm DC Voltage on any Non-ground Terminal 3 V Operating Temperature Range -30 to +85 °C Storage Temperature Range in Tape and Reel -40 to +85 °C Suitable for Lead-free Soldering - Maximum Soldering Profile 260°C for 30 s Pb 915.00 MHz SAW Filter SF2093E 1. Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance matching to 50 Ω and measured with 50 Ω network analyzer. 2. Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc. 3. Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external impedance matching design. See Application Note No. 42 for details. 4. The design, manufacturing process, and specifications of this filter are subject to change. 5. US and international patents may apply. 6. Murata, stylized Murata logo, and Murata N.A., Inc. are registered trademarks of Murata Manufacturing Co., Ltd. CAUTION: Electrostatic Sensitive Device. Observe precautions for handling. NOTES: Copyright © Murata Manufacturing Co., Ltd. All Rights Reserved 2007 |
Similar Part No. - SF2093E |
|
Similar Description - SF2093E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |