Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2079D-1 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # SF2079D-1
Description  High Performance SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2079D-1 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  SF2079D-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2079D-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2079D-1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2079D-1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2079D-1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
©2010-2014 by Murata Electronics N.A., Inc.
SF2079D-1 (R) 4/4/14
Page 5 of 5
www.murata.com
Tape and Reel Specifications
“B”
Nominal Size
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
3000
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
4.25 mm
Bo
4.25 mm
Ko
1.30 mm
Pitch
8.0 mm
W
12.0 mm
See Detail "A"
2.0
12.0
RO.3
(MAX.)
Ko
SECTION A-A
0.3 ± 0.05
SECTION B-B
Bo
2.0
4.0
Ao
Pitch
B
B
A
R0.5
(MAX.)
A
1.5
1.50
PIN #1
USER DIRECTION OF FEED
Copyright © Murata Manufacturing Co., Ltd. All Rights Reserved 2009


Similar Part No. - SF2079D-1

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2079D-1 RFM-SF2079D-1 Datasheet
642Kb / 5P
   251.045 MHz SAW Filter
More results

Similar Description - SF2079D-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EJT TEC-EJT Datasheet
336Kb / 3P
   High Performance Power Inlet Filter
logo
List of Unclassifed Man...
GF9101 ETC-GF9101 Datasheet
188Kb / 23P
   High Performance Multirate Digital Filter
logo
NXP Semiconductors
TDA1307 PHILIPS-TDA1307 Datasheet
192Kb / 36P
   High-performance bitstream digital filter
1996 Jan 08
logo
List of Unclassifed Man...
FN9246-16-06 ETC2-FN9246-16-06 Datasheet
217Kb / 4P
   High Performance IEC Inlet Filter
logo
Schaffner International...
FN-9246 SCHAFFNER-FN-9246 Datasheet
2Mb / 4P
   High Performance IEC Inlet Filter
logo
Tyco Electronics
1EJT1 MACOM-1EJT1_11 Datasheet
336Kb / 3P
   High Performance Power Inlet Filter
logo
Schaffner International...
FN-9233 SCHAFFNER-FN-9233 Datasheet
964Kb / 7P
   High Performance EMC/EMI Filter
logo
List of Unclassifed Man...
FN9233SR-3-06 ETC2-FN9233SR-3-06 Datasheet
348Kb / 6P
   High Performance EMC/EMI Filter
logo
SIPAT Co,Ltd
LB140DS04 SIPAT-LB140DS04 Datasheet
286Kb / 3P
   140MHz High-Loss SAW Filter
LBN07084 SIPAT-LBN07084 Datasheet
145Kb / 3P
   70MHz High-Loss SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com