Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYM-18H Datasheet(PDF) 1 Page - Mini-Circuits

Part # SYM-18H
Description  Frequency Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SYM-18H Datasheet(HTML) 1 Page - Mini-Circuits

  SYM-18H Datasheet HTML 1Page - Mini-Circuits SYM-18H Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 17 (LO Power +17 dBm) 5 to 1800 MHz
Frequency Mixer
High IP3
Demo Board MCL P/N: TB-12
Suggested PCB Layout (PL-079)
Maximum Ratings
Pin Connections
LO
2
RF
1
IF
3
GROUND
4,5,6
Electrical Specifications
REV. E
M160892
SYM-18H+
DJ/TD/CP/AM
180123
1 dB COMP.: +14 dBm typ.
m=mid band (2f
L to fU/2)
*Conversion loss measured at IF frequency between 10 and 1300 MHz
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
X
σ
Max.
Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
Typ.
5-1800
10-1500*
5.75
.10
7.6
8.9
50
28
45
35
40
24
39
22
50
30
30
22
30
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
Typical Performance Data
Electrical Schematic
SYM-18H+
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
5.00
35.00
5.61
50.30
38.90
1.58
1.80
8.00
38.00
5.53
50.90
39.40
1.36
1.78
10.00
40.00
5.56
51.30
39.60
1.31
1.78
50.00
80.00
5.41
55.80
42.20
1.22
1.77
100.00
130.00
5.39
54.70
44.40
1.25
1.73
110.48
140.48
5.34
53.80
44.10
1.29
1.74
220.45
250.45
5.68
48.00
48.90
1.43
1.73
330.43
360.43
5.61
45.10
53.30
1.55
1.59
440.40
470.40
5.72
44.40
52.20
1.76
1.50
500.00
530.00
5.55
44.30
48.10
1.80
1.51
550.38
580.38
5.65
45.40
48.00
1.94
1.39
660.35
690.35
5.82
47.50
43.10
2.08
1.33
770.33
800.33
6.21
50.80
40.00
2.30
1.32
880.30
910.30
6.46
52.20
38.70
2.35
1.25
990.28
1020.28
6.72
53.70
37.60
2.52
1.22
1000.00
1030.00
6.57
52.40
37.70
2.61
1.21
1100.25
1130.25
6.39
46.80
36.10
2.52
1.23
1210.23
1240.23
6.72
42.30
33.40
2.43
1.24
1320.20
1350.20
6.96
38.90
31.20
2.40
1.25
1800.00
1830.00
7.39
32.00
30.20
2.30
1.88
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
LO
IF
RF
Outline Dimensions (
)
inch
mm
Outline Drawing
AB
C
D
E
F
G
H
JK
.38
.50
.23 .020 .075 .250 .425 .187 .050 .050
9.65 12.70 5.84 0.51 1.91 6.35 10.80 4.75 1.27 1.27
L
M
NP
Q
RS
T
wt.
.070 .270 .540 .060 .095 .445 .208 .415
grams
1.78 6.86 13.72 1.52 2.41 11.30 5.28 10.54
0.8
Suggested Layout,
Tolerance to be within
±.002
PCB Land Pattern
Permanent damage may occur if any of these limits are exceeded.
Features
• low conversion loss, 5.75 dB typ.
• excellent L-R isolation, 45 dB typ.; L-I, 50 dB typ.
• IF response to DC
Applications
• VHF/UHF TV
CASE STYLE: TTT167
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200
13”
500


Similar Part No. - SYM-18H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYM-11 MINI-SYM-11 Datasheet
356Kb / 2P
   Frequency Mixer
SYM-11++ MINI-SYM-11+ Datasheet
356Kb / 2P
   Frequency Mixer
SYM-11LH MINI-SYM-11LH Datasheet
368Kb / 2P
   Frequency Mixer
SYM-11LH++ MINI-SYM-11LH+ Datasheet
368Kb / 2P
   Frequency Mixer
SYM-12 MINI-SYM-12 Datasheet
364Kb / 2P
   Frequency Mixer
More results

Similar Description - SYM-18H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
   Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
   Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
   Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
   Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
   Frequency Mixer
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
   Frequency Mixer
ADE-1LH MINI-ADE-1LH Datasheet
294Kb / 2P
   Frequency Mixer
SKY-60H MINI-SKY-60H Datasheet
284Kb / 2P
   Frequency Mixer
SRA-2 MINI-SRA-2 Datasheet
253Kb / 2P
   Frequency Mixer
SRA-3 MINI-SRA-3 Datasheet
221Kb / 2P
   Frequency Mixer
ADEX-10H MINI-ADEX-10H Datasheet
303Kb / 2P
   Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com