Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL016A90BFIR12 Datasheet(PDF) 39 Page - SPANSION

Part # S29GL016A90BFIR12
Description  S29GL-A MirrorBit Flash Family
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL016A90BFIR12 Datasheet(HTML) 39 Page - SPANSION

Back Button S29GL016A90BFIR12 Datasheet HTML 35Page - SPANSION S29GL016A90BFIR12 Datasheet HTML 36Page - SPANSION S29GL016A90BFIR12 Datasheet HTML 37Page - SPANSION S29GL016A90BFIR12 Datasheet HTML 38Page - SPANSION S29GL016A90BFIR12 Datasheet HTML 39Page - SPANSION S29GL016A90BFIR12 Datasheet HTML 40Page - SPANSION S29GL016A90BFIR12 Datasheet HTML 41Page - SPANSION S29GL016A90BFIR12 Datasheet HTML 42Page - SPANSION S29GL016A90BFIR12 Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
April 22, 2005 S29GL-A_00_A3
S29GL-A MirrorBit™ Flash Family
37
Ad vance
Info rmat i o n
Secured Silicon Sector Flash Memory Region
The Secured Silicon Sector feature provides a Flash memory region that enables
permanent part identification through an Electronic Serial Number (ESN). The
Secured Silicon Sector is 256 bytes in length, and uses a Secured Silicon Sector
Indicator Bit (DQ7) to indicate whether or not the Secured Silicon Sector is
locked when shipped from the factory. This bit is permanently set at the factory
and cannot be changed, which prevents cloning of a factory locked part. This en-
sures the security of the ESN once the product is shipped to the field.
The factory offers the device with the Secured Silicon Sector either customer
lockable (standard shipping option) or factory locked (contact a Spansion sales
representative for ordering information). The customer-lockable version is
shipped with the Secured Silicon Sector unprotected, allowing customers to pro-
gram the sector after receiving the device. The customer-lockable version also
contains the Secured Silicon Sector Indicator Bit permanently set to a 0. The fac-
tory-locked version is always protected when shipped from the factory, and has
the Secured Silicon Sector Indicator Bit permanently set to a 1. Thus, the Se-
cured Silicon Sector Indicator Bit prevents customer-lockable devices from being
used to replace devices that are factory locked. Note that the ACC function and
unlock bypass modes are not available when the Secured Silicon Sector is
enabled.
The Secured Silicon sector address space in this device is allocated as follows:
The system accesses the Secured Silicon Sector through a command sequence
(see Write Protect (WP#) on page 38). After the system writes the Enter Se-
cured Silicon Sector command sequence, it may read the Secured Silicon Sector
by using the addresses normally occupied by the first sector (SA0). This mode
of operation continues until the system issues the Exit Secured Silicon Sector
command sequence, or until power is removed from the device. On power-up,
or following a hardware reset, the device reverts to sending commands to sector
SA0.
Customer Lockable: Secured Silicon Sector NOT Programmed or
Protected At the Factory
Unless otherwise specified, the device is shipped such that the customer may
program and protect the 256-byte Secured Silicon sector.
The system may program the Secured Silicon Sector using the write-buffer, ac-
celerated and/or unlock bypass methods, in addition to the standard
programming command sequence. See Command Definitions on page 43.
Programming and protecting the Secured Silicon Sector must be used with cau-
tion since, once protected, there is no procedure available for unprotecting the
Secured Silicon Sector area and none of the bits in the Secured Silicon Sector
memory space can be modified in any way.
The Secured Silicon Sector area can be protected using one of the following
procedures:
Secured Silicon Sector Address Range
x16
x8
Standard Factory
Locked
ExpressFlash Factory
Locked
Customer Lockable
000000h–000007h
000000h-00000Fh
ESN
ESN or determined by
customer
Determined by
customer
000008h–00007Fh
000010h-0000FFh
Unavailable
Determined by
customer


Similar Part No. - S29GL016A90BFIR12

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL016A SPANSION-S29GL016A Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI010 SPANSION-S29GL016A100BAI010 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI012 SPANSION-S29GL016A100BAI012 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI013 SPANSION-S29GL016A100BAI013 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAIR10 SPANSION-S29GL016A100BAIR10 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL016A90BFIR12

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com