Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5705 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE5705
Description  Industrial Power Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5705 Datasheet(HTML) 3 Page - NTE Electronics

  NTE5705 Datasheet HTML 1Page - NTE Electronics NTE5705 Datasheet HTML 2Page - NTE Electronics NTE5705 Datasheet HTML 3Page - NTE Electronics NTE5705 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Characteristics (Cont’d):
Parameter
Symbol
Test Conditions
Rating Unit
Triggering (Cont’d)
Maximum Gate Current Required
t T i
IGT
TJ =--40°C
Anode Supply = 6V
R i ti
L d
90
mA
to Trigger
TJ =+25°C
Resistive Load
60
mA
TJ = +125°C
35
mA
Maximum Gate Voltage that will
not Trigger
VGD
TJ = +125°C, Rated VDRM Applied
0.2
V
Blocking
Maximum Critical Rate of Rise of
Off--State Voltage
dv/dt
TJ = +125°C, Exponential to 0.67VDRM,
Gate Open Circuit
200
V/ms
Maximum Peak Reverse and
Off--State Leakage Current
IRM
TJ =TJ Max, Gate Open Circuit
10
mA
Off--State Leakage Current
at VRRM,VDRM
IDM
2.0
mA
RMS Isolation Voltage
VINS
50Hz, Circuit to Base, All Terminals Shorted
2500
V
Note 2. I2tfor time tx =I2 Öt ¯ Ötx.
Pin Connection and Schematic Diagrams:
NTE No.
Description
Terminal Positions
Schematic Diagrams
5700
Single Phase,
Hybrid Bridge,
Common Cathode,
Freewheeling Diode
5701
Single Phase,
Hybrid Bridge,
Common Anode,
Freewheeling Diode
5702
Single Phase,
All SCR Bridge
* For transient protection, a Metal Oxide Varistor (MOV) may be connected externally across terminals AC1 & AC2.
AC1
AC2
G1
G2
(--)
(+)
AC1
AC2
*
G1
G2
(--)
(+)
AC1
AC2
G1
G2
(--)
(+)
AC1
AC2
*
G1
G2
(--)
(+)
AC2
AC1
G2
G3
(--)
(+)
G1
G4
AC1
AC2
*
G1
G3
G2
G4
(--)
(+)


Similar Part No. - NTE5705

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE570 NTE-NTE570 Datasheet
14Kb / 1P
   Silicon Controlled Avalanche Diode
NTE5708 NTE-NTE5708 Datasheet
24Kb / 2P
   Powerblock Modules
More results

Similar Description - NTE5705

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD85F6S-A SENSORTECHNICS-LD85F6S-A Datasheet
1Mb / 6P
   Industrial Optical Module
LD78F6S-A SENSORTECHNICS-LD78F6S-A Datasheet
569Kb / 4P
   Industrial optical module
logo
Bel Fuse Inc.
0804-5000-25 BEL-0804-5000-25 Datasheet
719Kb / 11P
   Industrial Powerline Module
0804-5000-23 BEL-0804-5000-23 Datasheet
200Kb / 14P
   Industrial Powerline Module
logo
Sensortechnics GmbH
LD85D6S-A SENSORTECHNICS-LD85D6S-A Datasheet
1Mb / 6P
   Industrial Optical Module
logo
Minmax Technology Co., ...
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Apacer Technology Inc.
SV250-7LP2 APACER-SV250-7LP2 Datasheet
1Mb / 4P
   industrial SSD module, LDPC, Multi-Power Path technology
logo
Minmax Technology Co., ...
APM-40 MINMAX-APM-40_16 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
AB24S DELTA-AB24S Datasheet
375Kb / 5P
   AC/DC Power Module 24W, Industrial & Medical Safety
AB40S DELTA-AB40S Datasheet
328Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com