Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS-750 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. VS-750
Description  DUAL FREQUENCY VCSO
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

VS-750 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-750 Voltage Controlled SAW Oscillator
Preliminary Data Sheet
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 3 of 7
Rev: 03Mar05
VS750LG
XX - XX
VI YWW
5.10±0.15
[0.201±0.006]
mm
[inch]
12
10
8
13
5
7.50±0.15
[0.295±0.006]
2.49±0.18
[0.098±0.007]
0.10 [0.004]
0.76
[0.030]
1.27 [0.050]
2.54 [0.100]
1.52
[0.060]
1.30 [0.051]
R0.15 [R0.006]
Y = Year
WW = Week
XX = Frequency Code
(See Ordering Info)
1.02
[0.040]
1.27
[0.050]
0.76
[0.030]
24
11
9
13
14
7
6
Outline Diagram
Pad Layout
Pin Out
Marking Key
Pin
Symbol
Function
Position 6
Position 7
1
VC
VCSO Control Voltage
L = LFF
G = GNN
2
OD
Output Disable (See Control Logic)
H = HNN
3
FS
Frequency Select (F1 or F2)
4,6,7,9,11,14
NC
No Connection (Suggest to Gnd)
Control Logic (LV-CMOS)
5,13
Gnd
Case and Electrical Ground
OD
FS
Operation
8
Output
VCSO Output
0
0
F1
10
COutput
VCSO Complementary Output
0
1
F2
12
VCC
Power Supply Voltage (3.3 V
±10%)
1
0
Disabled
Tape and Reel (EIA-481-2-A)
Tape Dimensions (mm)
Reel Dimensions (mm)
Dimension
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
# Per
Tolerance
Typ
Typ
Typ
Typ
Typ
Typ
Min
Typ
Min
Min
Typ
Max
Reel
VS-750
16
7.5
1.5
4
8
178
1.5
13
20.2
50
16.4
22.4
200
Po
W
A
N
F
P1
W1
W2
C
B
D
ØDo
mm
[inch]
0.64
[0.025]
3.28
[0.129]
2.54
[0.100]
1.27
[0.050]
0.25
[0.010]
1.02
[0.040]
5.08
[0.200]
1.45
[0.057]
1.02
[0.040]
1.96
[0.077]
1.27
[0.050]
0.20
[0.008]
4.14
[0.163]
2.07
[0.081]


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M685DUAL SAW SELECTABLE FREQUENCY VCSO 1 2 3 4 5 MoreIntegrated Circuit Systems
VS-550DUAL FREQUENCY VCSO 1 2 3 4 5 MoreVectron International, Inc
VS-751Dual Frequency VCSO 1 2 3 4 5 MoreVectron International, Inc
M660DUAL SAW SELECTABLE FREQUENCY VCSO 1 Integrated Circuit Systems
M660-02DUAL SAW SELECTABLE FREQUENCY VCSO 1 2 3 4 Integrated Circuit Systems
EMX5High transition frequency dual transistors 1 2 Rohm
LMX1600PLLatinum™ Low Cost Dual Frequency Synthesizer 1 2 3 4 5 MoreNational Semiconductor (TI)
PE32931.8GHz/550MHz Dual Fractional-N Ultra-Low Spurious PLL for Frequency Synthesis 1 2 3 4 5 MoreList of Unclassifed Manufacturers
UMX21NHigh transition frequency dual transistors 1 2 3 Rohm
ADF4212LDual Low Power PLL Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn