Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CD032G0MFAI012 Datasheet(PDF) 11 Page - SPANSION

Part # S29CD032G0MFAI012
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0MFAI012 Datasheet(HTML) 11 Page - SPANSION

Back Button S29CD032G0MFAI012 Datasheet HTML 7Page - SPANSION S29CD032G0MFAI012 Datasheet HTML 8Page - SPANSION S29CD032G0MFAI012 Datasheet HTML 9Page - SPANSION S29CD032G0MFAI012 Datasheet HTML 10Page - SPANSION S29CD032G0MFAI012 Datasheet HTML 11Page - SPANSION S29CD032G0MFAI012 Datasheet HTML 12Page - SPANSION S29CD032G0MFAI012 Datasheet HTML 13Page - SPANSION S29CD032G0MFAI012 Datasheet HTML 14Page - SPANSION S29CD032G0MFAI012 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
March 22, 2004 30606B0
S29CD032G
11
Ad va nc e
In forma t i o n
Pin Configuration
A0–A19
=
20-bit address bus for 32 Mb device. A9 supports 12
V autoselect inputs.
DQ0–DQ31
=
32-bit data inputs/outputs/float
CE#
=
Chip Enable Input. This signal is asynchronous
relative to CLK for the burst mode.
OE#
=
Output Enable Input. This signal is asynchronous
relative to CLK for the burst mode.
WE#
=
Write enable. This signal is asynchronous relative to
CLK for the burst mode.
VSS
=
Device ground
NC
=
Pin not connected internally
RY/BY#
=
Ready/Busy output and open drain. When RY/BY# =
VIH, the device is ready to accept read operations
and commands. When RY/BY# = VOL, the device is
either executing an embedded algorithm or the
device is executing a hardware reset operation.
CLK
=
Clock Input that can be tied to the system or
microprocessor clock and provides the fundamental
timing and internal operating frequency.
ADV#
=
Load Burst Address input. Indicates that the valid
address is present on the address inputs.
IND#
=
End of burst indicator for finite bursts only. IND is low
when the last word in the burst sequence is at the
data outputs.
WAIT#
=
Provides data valid feedback only when the burst
length is set to continuous.
WP#
=
Write Protect input. When WP# = VOL, the two
outermost bootblock sector in the 75% bank are
write protected regardless of other sector protection
configurations.
ACC
=
Acceleration input. When taken to 12 V, program and
erase operations are accelerated. When not used for
acceleration, ACC = VSS to VCC.
VIO (VCCQ)
=
Output Buffer Power Supply (1.65 V to 2.75 V)
VCC
=
Chip Power Supply (2.5 V to 2.75 V)
RESET#
=
Hardware reset input
MCH
=
Must Connect High (to VCC)


Similar Part No. - S29CD032G0MFAI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD032G0MFAI012 SPANSION-S29CD032G0MFAI012 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
More results

Similar Description - S29CD032G0MFAI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com