Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C11944 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11944
Description  ~35째 wide round beam with space for O-ring in flange
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11944 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11944 Datasheet HTML 1Page - Ledil, Inc. C11944 Datasheet HTML 2Page - Ledil, Inc. C11944 Datasheet HTML 3Page - Ledil, Inc. C11944 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C11944_NIS83-MX-3-WR
NIS83-MX-3-WR
~35° wide round beam with space for O-ring in
flange
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 50 mm
Height
15.3 mm
Fastening
glue, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
7.2 kg
Quantity in Box
364 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
NIS83-MX-3-WR
Lens array
PMMA
clear
Last update: 21/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C11944

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11943 LEDIL-C11943 Datasheet
5Mb / 4P
   ~20째 medium round beam
C11945 LEDIL-C11945 Datasheet
3Mb / 4P
   ~50째 wide round beam with space for O-ring in flange
More results

Similar Description - C11944

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11945 LEDIL-C11945 Datasheet
3Mb / 4P
   ~50째 wide round beam with space for O-ring in flange
C10585 LEDIL-C10585 Datasheet
2Mb / 4P
   ~35째 wide beam
CA14433 LEDIL-CA14433 Datasheet
3Mb / 5P
   ~35째 wide beam
C13870 LEDIL-C13870 Datasheet
2Mb / 6P
   ~35째 wide beam
C11544 LEDIL-C11544 Datasheet
3Mb / 4P
   ~35째 wide beam
C11553 LEDIL-C11553_18 Datasheet
3Mb / 7P
   ~35째 wide beam
F13701 LEDIL-F13701 Datasheet
6Mb / 14P
   ~35째 wide beam
CP16938 LEDIL-CP16938 Datasheet
3Mb / 4P
   ~35째 wide beam
FP16609 LEDIL-FP16609 Datasheet
2Mb / 5P
   35째 wide beam
FP13025 LEDIL-FP13025 Datasheet
3Mb / 9P
   ~35째 wide beam.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com