Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C11916 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # C11916
Description  ~19째 spot beam
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11916 Datasheet(HTML) 3 Page - Ledil, Inc.

  C11916 Datasheet HTML 1Page - Ledil, Inc. C11916 Datasheet HTML 2Page - Ledil, Inc. C11916 Datasheet HTML 3Page - Ledil, Inc. C11916 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
DATASHEET
C11916_SATU-S
PHOTOMETRIC DATA (MEASURED):
LED
LUXEON Rebel
FWHM
18.0°
Efficiency
91 %
Peak intensity
cd/lm
Required components:
LED
Oslon SSL 150
FWHM
17.0°
Efficiency
92 %
Peak intensity
6.000 cd/lm
Required components:
Last update: 27/01/2015
Subject to change without prior notice
3/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C11916

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11917 LEDIL-C11917 Datasheet
2Mb / 5P
   ~40째 20째 oval beam
logo
Cree, Inc
C11918 CREE-C11918 Datasheet
1Mb / 21P
   Strada series
logo
Ledil, Inc.
C11918 LEDIL-C11918 Datasheet
2Mb / 7P
   Soft wide beam with good illuminance uniformity
More results

Similar Description - C11916

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP11055 LEDIL-FP11055 Datasheet
8Mb / 8P
   ~19째 spot beam
C12771 LEDIL-C12771 Datasheet
3Mb / 4P
   ~19째 spot beam
C13234 LEDIL-C13234 Datasheet
4Mb / 9P
   ~19째 spot beam optimized for CREE XT-E
CP15304 LEDIL-CP15304 Datasheet
2Mb / 4P
   ~19째 spot beam and holder with location pins
FP11085 LEDIL-FP11085 Datasheet
1Mb / 6P
   ~19째 spot beam optimized for CREE XP-E.
CP12938 LEDIL-CP12938 Datasheet
6Mb / 7P
   ~19째 spot beam. Clip fastening for 0.8 mm thick PCB.
CP12939 LEDIL-CP12939 Datasheet
3Mb / 8P
   ~19째 real spot beam. Clip fastening for 1.6 mm thick PCB
FP11086 LEDIL-FP11086 Datasheet
5Mb / 6P
   ~19째 spot beam optimized for LUXEON Rebel. 6.6 mm high variant with clip installation.
C15800 LEDIL-C15800 Datasheet
4Mb / 7P
   ~25째 spot beam
F14532 LEDIL-F14532 Datasheet
10Mb / 19P
   ~10째 spot beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com