Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEK470M450ST Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SEK470M450ST
Description  Long Life, Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SEK470M450ST Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SEK470M450ST Datasheet HTML 1Page - Cornell Dubilier Electronics SEK470M450ST Datasheet HTML 2Page - Cornell Dubilier Electronics SEK470M450ST Datasheet HTML 3Page - Cornell Dubilier Electronics SEK470M450ST Datasheet HTML 4Page - Cornell Dubilier Electronics SEK470M450ST Datasheet HTML 5Page - Cornell Dubilier Electronics SEK470M450ST Datasheet HTML 6Page - Cornell Dubilier Electronics SEK470M450ST Datasheet HTML 7Page - Cornell Dubilier Electronics SEK470M450ST Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SEK 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Long Life, Aluminum Electrolytic
Type SEK is a radial leaded aluminum electrolytic ca-
pacitor with a +105 º C, long life rating. The volumetic
efficient high CV product of the SEK makes it ideal for
high density packaging in general purpose, coupling,
decoupling, bypass and filtering circuit applications.
Highlights
• +105 ºC
• Long life
• High CV product
• General purpose applications
• Available in T&R and ammo pack
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Maximum DC Leakage Current:
Dissipation Factor @ 120 Hz, +25 ºC:
Ripple Multipliers for Voltage and Temperature:
0.47 to 15,000 µF
6.3 to 450 Vdc
±20%
–55 ºC to +105 ºC; 6.3 to 100 Vdc
–40 ºC to +105 ºC; 160 to 400 Vdc
–25 ºC to +105 ºC; 450 Vdc
After 2 minutes, with rated voltage at +20 ºC
6.3 to 100 Vdc
I = .01CV or 3 µA Max (whichever is greater)
≥ 160 Vdc after 3 min, with rated voltage at +20 ºC
I = .03CV or 10 µA Max (whichever is greater)
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
WV (V) 6.3 10 16 25 35 50 63 80 100 160-250 350-450
DF(%) 26 22 18 16 14 12 10 10 10
15
20
Rated
Ripple Multipliers
WVDC
60Hz
120Hz
1kHz
10kHz
6 to 25
0.80
1.0
1.1
1.2
35 to 100
0.75
1.0
1.3
1.4
160 to 250
0.70
1.0
1.4
1.6
350 to 400
0.60
1.0
1.5
1.8
Ambient
Ripple
Temperature Multiplier
+105 ºC
1.00
+85 ºC
1.50
+70 ºC
1.80
Apply WVDC for 2000 hours at +105 ºC
Capacitance change within 20% of initial limit
DF not to exceed 200% of initial requirement
Leakage current not to exceed 200% of initial
1000 hrs with no voltage applied
Cap change within ±20% of initial values
DF not to exceed 200% of initial requirement
DC leakage current meets initial requirement
For capacitors whose capacitance value exceeds 1000 µF,
the value of DF (%) is increased 2% for every additional
1000 µF.
Load Life:
Shelf Life:
Complies with the EU Directive 2002/95/
EC requirement restricting the use of
Lead (Pb), Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)), PolyBro-
minated Biphenyls (PBB) and PolyBromi-
nated Diphenyl Ethers (PBDE).


Similar Part No. - SEK470M450ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK470M450ST CDE-SEK470M450ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
SEK470M450ST CDE-SEK470M450ST Datasheet
318Kb / 8P
   Available in T&R and ammo pack
More results

Similar Description - SEK470M450ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
logo
Cornell Dubilier Electr...
400C CDE-400C Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Vishay Siliconix
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com