Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK2R2M250ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SK2R2M250ST
Description  2000 Hour Long Life, General Purpose Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SK2R2M250ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SK2R2M250ST Datasheet HTML 1Page - Cornell Dubilier Electronics SK2R2M250ST Datasheet HTML 2Page - Cornell Dubilier Electronics SK2R2M250ST Datasheet HTML 3Page - Cornell Dubilier Electronics SK2R2M250ST Datasheet HTML 4Page - Cornell Dubilier Electronics SK2R2M250ST Datasheet HTML 5Page - Cornell Dubilier Electronics SK2R2M250ST Datasheet HTML 6Page - Cornell Dubilier Electronics SK2R2M250ST Datasheet HTML 7Page - Cornell Dubilier Electronics SK2R2M250ST Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SK 85 ºC Radial Leaded Aluminum Electrolytic Capacitors
SK
100
M
100
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SK
1R0 = 1
K = ±10
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
M = ±20
010 = 10 E = Different Characteristic
2 = Lead form
101 = 100
100 = 100 R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
100
SK101M6R3ST
2.92
130
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
220
SK221M6R3ST
1.33
240
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
330
SK331M6R3ST
0.88
300
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
470
SK471M6R3ST
0.62
380
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
1000
SK102M6R3ST
0.29
580
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
2200
SK222M6R3ST
0.14
1050
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SK332M6R3ST
0.10
1250
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
4700
SK472M6R3ST
0.08
1700
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
6800
SK682M6R3ST
0.07
1900
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
10000
SK103M6R3ST
0.05
2250
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
15000
SK153M6R3ST
0.04
2680
.630 (16.0) 1.38 (35.0)
.295 (7.5)
.0315 (0.8)
10 Vdc (13 Volts Surge)
33
SK330M010ST
7.64
80
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SK470M010ST
5.36
95
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SK101M010ST
2.52
180
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
220
SK221M010ST
1.15
250
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
330
SK331M010ST
0.76
330
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
470
SK471M010ST
0.54
400
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
1000
SK102M010ST
0.25
630
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
2200
SK222M010ST
0.14
1100
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SK332M010ST
0.10
1400
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
4700
SK472M010ST
0.08
1800
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
6800
SK682M010ST
0.07
2150
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
10000
SK103M010ST
0.05
2500
.709 (18.0) 1.38 (35.0)
.295 (7.5)
.0315 (0.8)
15000
SK153M010ST
0.04
2950
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
16 Vdc (20 Volts Surge)
22
SK220M016ST
9.65
75
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SK330M016ST
6.43
110
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SK470M016ST
4.52
130
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SK101M016ST
2.12
185
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SK221M016ST
0.97
320
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
330
SK331M016ST
0.64
360
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
470
SK471M016ST
0.45
470
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
1000
SK102M016ST
0.21
790
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
2200
SK222M016ST
0.14
1350
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SK332M016ST
0.10
1700
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
4700
SK472M016ST
0.08
2100
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
6800
SK682M016ST
0.07
2500
.709 (18.0) 1.38 (35.0)
.295 (7.5)
.0315 (0.8)
10000
SK103M016ST
0.05
2700
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
25 Vdc (32 Volts Surge)
10
SK100M025ST
18.57
50
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SK220M025ST
8.44
90
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SK330M025ST
5.63
110
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SK470M025ST
3.95
130
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SK101M025ST
1.85
185
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
Ratings


Similar Part No. - SK2R2M250ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SK2R2M250ST CDE-SK2R2M250ST Datasheet
434Kb / 6P
   85 ?C Radial Leaded Aluminum Electorlytic Capacitors
More results

Similar Description - SK2R2M250ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Cornell Dubilier Electr...
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
logo
Cornell Dubilier Electr...
400C CDE-400C Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Vishay Siliconix
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com