Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK010M200ST Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # SK010M200ST
Description  2000 Hour Long Life, General Purpose Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SK010M200ST Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  SK010M200ST Datasheet HTML 1Page - Cornell Dubilier Electronics SK010M200ST Datasheet HTML 2Page - Cornell Dubilier Electronics SK010M200ST Datasheet HTML 3Page - Cornell Dubilier Electronics SK010M200ST Datasheet HTML 4Page - Cornell Dubilier Electronics SK010M200ST Datasheet HTML 5Page - Cornell Dubilier Electronics SK010M200ST Datasheet HTML 6Page - Cornell Dubilier Electronics SK010M200ST Datasheet HTML 7Page - Cornell Dubilier Electronics SK010M200ST Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SK 85 ºC Radial Leaded Aluminum Electrolytic Capacitors
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
63 Vdc (79 Volts Surge)
22
SK220M063ST
5.43
115
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
33
SK330M063ST
3.62
140
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SK470M063ST
2.54
190
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
100
SK101M063ST
1.19
300
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
220
SK221M063ST
0.54
490
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
330
SK331M063ST
0.36
680
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
470
SK471M063ST
0.25
880
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
1,000
SK102M063ST
0.12
1550
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
100 Vdc (125 Volts Surge)
0.47
SKR47M100ST
225.87
10
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
1
SK010M100ST
106.16
21
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SK2R2M100ST
48.25
30
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SK3R3M100ST
32.17
40
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SK4R7M100ST
22.59
50
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SK100M100ST
10.62
75
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
22
SK220M100ST
4.83
130
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
33
SK330M100ST
3.22
170
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
47
SK470M100ST
2.26
230
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
100
SK101M100ST
1.06
400
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
220
SK221M100ST
0.48
710
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
330
SK331M100ST
0.32
860
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
470
SK471M100ST
0.23
1100
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
160 Vdc (200 Volts Surge)
0.47
SKR47M160ST
423.50
12.0
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
1.0
SK010M160ST
199.04
17.0
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
2.2
SK2R2M160ST
90.47
26.0
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
3.3
SK3R3M160ST
60.32
35.0
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
4.7
SK4R7M160ST
42.35
40.0
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
10
SK100M160ST
19.90
65.0
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
22
SK220M160ST
9.05
110.0
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
33
SK330M160ST
6.03
150.0
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
47
SK470M160ST
4.23
180.0
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
100
SK101M160ST
1.99
300.0
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
220
SK221M160ST
0.90
510.0
.630 (16.0) 1.42 (36.0)
.295 (7.5)
.0315 (0.8)
330
SK331M160ST
0.60
600.0
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
200 Vdc (250 Volts Surge)
0.47
SKR47M200ST
423.50
12
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
1.0
SK010M200ST
199.04
17
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
2.2
SK2R2M200ST
90.47
26
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
3.3
SK3R3M200ST
60.32
35
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
4.7
SK4R7M200ST
42.35
45
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
10
SK100M200ST
19.90
70
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
22
SK220M200ST
9.05
110
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
33
SK330M200ST
6.03
160
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
47
SK470M200ST
4.23
180
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
* Note max leakage current ≥100 Vdc is measured at 3 minutes
Parts highlighted in yellow are obsolete.


Similar Part No. - SK010M200ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SK010M200ST CDE-SK010M200ST Datasheet
434Kb / 6P
   85 ?C Radial Leaded Aluminum Electorlytic Capacitors
More results

Similar Description - SK010M200ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Cornell Dubilier Electr...
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
logo
Cornell Dubilier Electr...
400C CDE-400C Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Vishay Siliconix
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com