Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7720 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV7720
Description  Deca Half-Bridge Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7720 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV7720 Datasheet HTML 2Page - ON Semiconductor NCV7720 Datasheet HTML 3Page - ON Semiconductor NCV7720 Datasheet HTML 4Page - ON Semiconductor NCV7720 Datasheet HTML 5Page - ON Semiconductor NCV7720 Datasheet HTML 6Page - ON Semiconductor NCV7720 Datasheet HTML 7Page - ON Semiconductor NCV7720 Datasheet HTML 8Page - ON Semiconductor NCV7720 Datasheet HTML 9Page - ON Semiconductor NCV7720 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
NCV7720
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS
(−40
°C ≤ TJ ≤ 150°C, 5.5 V ≤ VSx ≤ 40 V, 3.15 V ≤ VCC ≤ 5.25 V, EN = VCC, unless otherwise specified.)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
POWER SUPPLIES
Supply Current (VS1 + VS2)
Sleep Mode
IqVSx85
VS1 = VS2 = 13.2V, VCC = 0 V
−40
°C to 85°C
1.0
2.5
mA
Supply Current (VS1 + VS2)
Active Mode
IvsOp
EN = VCC, 5.5V < VSx < 28 V
No Load
2.5
5.0
mA
Supply Current (Vcc)
Sleep Mode
Active Mode
IqVCC
IVCCOp
CSB = VCC, EN = SI = SCLK = 0 V
−40
°C to 85°C
EN = CSB = VCC, SI = SCLK = 0V
No Load
1.0
1.5
2.5
3.0
mA
mA
Total Sleep Mode Current
I(VS1) + I(VS2) + I(VCC)
IqTot
Sleep Mode, −40
°C to 85°C
VS1 = VS2 = 13.2 V, No Load
2.0
5.0
mA
VCC Power−on Reset Threshold
VCCpor
VCC increasing
2.55
2.90
V
VSx Undervoltage Detection Threshold
VSxuv
VSx decreasing
3.5
4.1
4.5
V
VSx Undervoltage Detection
Hysteresis
VSxuHys
100
450
mV
VSx Overvoltage Detection Threshold
VsXov
VSx increasing
30
36
40
V
VSx Overvoltage Detection Hysteresis
VSxoHys
1
2.5
4
V
DRIVER OUTPUT CHARACTERISTICS
Output High RDS(on) (source)
RDSonHS
Iout = −500 mA, Vs = 13.2 V
VCC = 3.15 V
1.0
2.25
W
Output Low RDS(on) (sink)
RDSonLS
Iout = 500 mA, Vs =13.2 V
VCC = 3.15 V
1.0
2.25
W
Output Path RDS(HSx+LSx)
RDSonPath
Iout = |500| mA, TJ ≤ 125°C
4.0
W
Source Leakage Current
IsrcLkg13.2
IsrcLkg28
VCC = 5 V,OUT(1−10) = 0 V,
−40
°C to 85°C;
VSx = 13.2 V
VSx = 28 V
−1.0
−2.0
mA
mA
Sink Leakage Current
IsnkLkg13.2
IsnkLkg28
VCC = 5 V;
OUT(1−10) = VSx = 13.2 V
OUT(1−10) = VSx = 28 V
1.0
2.0
mA
mA
Overcurrent Shutdown Threshold
(Source)
IsdSrc
VCC = 5 V, VSx = 13.2 V
−2.0
−1.2
−0.8
A
Overcurrent Shutdown Threshold
(Sink)
IsdSnk
VCC = 5 V, VSx = 13.2 V
0.8
1.2
2.0
A
Over Current Delay Timer
TdOc
10
25
50
ms
Underload Detection Threshold
(Low Side)
IuldLS
VCC = 5 V, VSx = 13.2 V
2.0
11
20
mA
Underload Detection Delay Time
TdUld
VCC = 5 V, VSx = 13.2 V
200
350
600
ms
Body Diode Forward Voltage
IbdFwd
If = 500 mA
0.9
1.3
V
DRIVER OUTPUT SWITCHING CHARACTERISTICS
High Side Turn On Time
ThsOn
Vs = 13.2 V, Rload = 39 W
7.5
13
ms
High Side Turn Off Time
ThsOff
Vs = 13.2 V, Rload = 39 W
3.0
6.0
ms
Low Side Turn On Time
TlsOn
Vs = 13.2 V, Rload = 39 W
6.5
13
ms
Low Side Turn Off Time
TlsOff
Vs = 13.2 V, Rload = 39 W
2.0
5.0
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Not production tested.
5. This is the minimum time the user must wait between SPI commands.
6. This is the minimum time the user must wait between consecutive SRR requests.


Similar Part No. - NCV7720

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7720 ONSEMI-NCV7720 Datasheet
317Kb / 26P
   Deca Half-Bridge Driver
May, 2013 ??Rev. 0
NCV7720DPR2G ONSEMI-NCV7720DPR2G Datasheet
317Kb / 26P
   Deca Half-Bridge Driver
May, 2013 ??Rev. 0
NCV7720DQR2G ONSEMI-NCV7720DQR2G Datasheet
259Kb / 26P
   Deca Half-Bridge Driver
March, 2016 ??Rev. 4
NCV7720 ONSEMI-NCV7720_16 Datasheet
259Kb / 26P
   Deca Half-Bridge Driver
March, 2016 ??Rev. 4
More results

Similar Description - NCV7720

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7720 ONSEMI-NCV7720_16 Datasheet
259Kb / 26P
   Deca Half-Bridge Driver
March, 2016 ??Rev. 4
NCV7720 ONSEMI-NCV7720 Datasheet
317Kb / 26P
   Deca Half-Bridge Driver
May, 2013 ??Rev. 0
logo
Infineon Technologies A...
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
   Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com