Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7703C Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7703C
Description  Triple Half-Bridge Driver with SPI Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7703C Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7703C Datasheet HTML 1Page - ON Semiconductor NCV7703C Datasheet HTML 2Page - ON Semiconductor NCV7703C Datasheet HTML 3Page - ON Semiconductor NCV7703C Datasheet HTML 4Page - ON Semiconductor NCV7703C Datasheet HTML 5Page - ON Semiconductor NCV7703C Datasheet HTML 6Page - ON Semiconductor NCV7703C Datasheet HTML 7Page - ON Semiconductor NCV7703C Datasheet HTML 8Page - ON Semiconductor NCV7703C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCV7703C
www.onsemi.com
4
MAXIMUM RATINGS
Rating
Value
Unit
Power Supply Voltage (VS)
(DC)
(AC), t < 500 ms, Ivs > −2 A
−0.3 to 40
−1
V
Output Pin OUTx
(DC)
(AC), t < 500 ms, IOUTx > −2 A
−0.3 to 40
−1
V
Pin Voltage
(Logic Input pins, SI, SCLK, CSB, SO, EN, VCC)
−0.3 to 5.5
V
Output Current (OUTx)
(DC)
(AC) (50 ms pulse, 1 s period)
−1.8 to 1.8
−5.0 to 5.0
A
Electrostatic Discharge, Human Body Model,
VS, OUT1, OUT2, OUT3 (Note 3)
6
kV
Electrostatic Discharge, Human Body Model,
all other pins (Note 3)
2
kV
Electrostatic Discharge, Machine Model,
VS, OUT1, OUT2, OUT3 (Note 3)
300
V
Electrostatic Discharge, Machine Model,
all other pins (Note 3)
200
V
Operating Junction Temperature
−40 to 150
°C
Storage Temperature Range
−55 to 150
°C
Moisture Sensitivity Level (MAX 260
°C Processing)
MSL3
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Thermal Parameters
Test Conditions (Typical Value)
Unit
14 Pin Fused SOIC Package
min−pad board
(Note 1)
1
″ pad board
(Note 2)
Junction−to−Lead (psi−JL8,
YJL8) or Pins 1, 7, 8, 14
23
22
°C/W
Junction−to−Ambient (RqJA, qJA)
122
83
°C/W
1. 1−oz copper, 67 mm2 copper area, 0.062
″ thick FR4.
2. 1−oz copper, 645 mm2 copper area, 0.062
″ thick FR4.
3. This device series incorporates ESD protection and is characterized by the following methods:
ESD HBM according to AEC−Q100−002 (EIA/JESD22−A114)
ESD MM according to AEC−Q100−003 (EIA/JESD22−A115)


Similar Part No. - NCV7703C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703BD2G ONSEMI-NCV7703BD2G Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703BD2R2G ONSEMI-NCV7703BD2R2G Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703D2G ONSEMI-NCV7703D2G Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
More results

Similar Description - NCV7703C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
logo
ATMEL Corporation
ATA6831C ATMEL-ATA6831C Datasheet
474Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831 ATMEL-ATA6831_07 Datasheet
362Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C_14 Datasheet
639Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832 Datasheet
304Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832C ATMEL-ATA6832C_14 Datasheet
639Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_09 Datasheet
353Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_08 Datasheet
360Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
T6818 ATMEL-T6818_09 Datasheet
577Kb / 15P
   Triple Half bridge Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com