Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV5106A Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV5106A
Description  High Voltage, High and Low Side Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5106A Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV5106A Datasheet HTML 7Page - ON Semiconductor NCV5106A Datasheet HTML 8Page - ON Semiconductor NCV5106A Datasheet HTML 9Page - ON Semiconductor NCV5106A Datasheet HTML 10Page - ON Semiconductor NCV5106A Datasheet HTML 11Page - ON Semiconductor NCV5106A Datasheet HTML 12Page - ON Semiconductor NCV5106A Datasheet HTML 13Page - ON Semiconductor NCV5106A Datasheet HTML 14Page - ON Semiconductor NCV5106A Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCV5106A, NCV5106B
www.onsemi.com
11
CHARACTERIZATION CURVES
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 23. Low Level Input Voltage Threshold
vs. Supply Voltage (VCC = VBOOT)
0
0.5
1
1.5
2
2.5
10
12
14
16
18
20
VCC, VOLTAGE (V)
Figure 24. Low Level Input Voltage Threshold
vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 25. High Level Input Voltage Threshold
vs. Supply Voltage (VCC = VBOOT)
0
0.5
1
1.5
2
2.5
3
3.5
4
10
12
14
16
18
20
VCC, VOLTAGE (V)
Figure 26. High Level Input Voltage Threshold
vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 27. Logic “0” Input Current vs. Supply
Voltage (VCC = VBOOT)
Figure 28. Logic “0” Input Current vs.
Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
10
12
14
16
18
20
VCC, VOLTAGE (V)


Similar Part No. - NCV5106A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5104 ONSEMI-NCV5104 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCV5104DR2G ONSEMI-NCV5104DR2G Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCV5104DR2G ONSEMI-NCV5104DR2G Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results

Similar Description - NCV5106A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304_14 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
NCP5111 ONSEMI-NCP5111 Datasheet
124Kb / 14P
   High Voltage, High and Low Side Driver
March, 2008 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com